Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Configuration register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State on
POR
0000H
Config.
HALT
CLK_SEL OSC_MOD
LPM
RTC
BZ_CLK
MDUT
MGEN
0001 0000
HT9580
10
April 28, 2000
Preliminary
Oscillator configuration
There are two clock source input pins on the
chip, the main clock and the pager decoder in-
put clock. The main clock is generated by an RC
network. The system clock may be the OSC in-
put or the X1-clock depending on bit
²CLK_SEL². The pager decoder input clock co-
mes from two external pins, X1 and X2. The fre-
quency of the sub-clock will be double that of
the X1, X2 input clock. The OSC1 main clock
will be generated from an RC network that
needs an external resistor (see Application Cir-
cuit). The system clock may be X1-clock, DF or
RC clock. If no higher frequency (RC) is needed,
the external resistor between OSC1 and OSC2
can be removed. The system clock can be
switched by bit ²CLK_SEL².If ²CLK_SEL²=0
(POR State), the system clock will be X1-clock.
In other cases, with ²CLK_SEL²=1, the OSC in-
put clock will be the system clock. The clock
switching function will assist software pro-
grammers to change the mC system clock with-
in an adequate time if necessary. The
²OSC_MOD² bit selects the OSC input clock to
be either RC or DF. If ²OSC_MOD² is set to
²low² then the RC configuration is selected, oth-
erwise the DF application is selected. The pro-
grammer should note that the condition of
²CLK_SEL², ²HALT² and ²OSC_MOD² assures
that the system clock is working properly. It is
recommended that the OSC clock source is ei-
ther DF or RC. If DF and RC are necessary, it is
required to switch the system clock to X1-clock
before switching between DF and RC. Then
switch the system clock back to the OSC input
by using bit CLK_SEL if the switching action of
DF and RC is complete. Before enter HALT
mode, the system clock must select X1-clock.
The HT9580 will generate two RTC frequen-
cies, 1Hz and 2Hz respectively, determined by
bit RTC. If the bit is logic low, the 1Hz RTC fre-
quency will be selected, otherwise the 2Hz RTC
frequency will be selected. The RTC counter is
enabled/disabled by bit RTCEN and can be
masked or not masked as determined by the bit
RTCMSK of the interrupt control register
OS C
C ont r o l
C l o ck S e l e ct
X1- c l o c k
OS C _ M O D
OS C 1
0: R C
1: D F
HA L T
S yst e m C l o ck
CL K _ S E L
0: X 1- c l o c k
1: O S C I nput
F r equen c y
D oubl er
SS T
10- bi t R i ppl e
C ount e r
X1
Ma i n
Cl o c k
S S T C ont r o l
X1- c l o c k
OS C
I npu t
DF
S ub- c l oc k
X1- c l o c k
C ount e r
1H z & T i m e O u t
2H z & T i m e O ut
RT C T i m e O u t
RT C
RTC block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com