Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9580 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT9580
Description  Character Pager Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9580 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT9580 Datasheet HTML 52Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 53Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 54Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 55Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 56Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 57Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 58Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 59Page - Holtek Semiconductor Inc HT9580 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
Name
Opcode
Addr
Mode
Flags
No.
Bytes
No.
Cyc.
Description
NV E B D I Z C
RMB2
27
ZPG
--------
2
4
M(2) <=0 (RMW)
RMB3
37
ZPG
--------
2
4
M(3) <=0 (RMW)
RMB4
47
ZPG
--------
2
4
M(4) <=0 (RMW)
RMB5
57
ZPG
--------
2
4
M(5) <=0 (RMW)
RMB6
67
ZPG
--------
2
4
M(6) <=0 (RMW)
RMB7
77
ZPG
--------
2
4
M(7) <=0 (RMW)
ROL
2A
ACC
+ ----- + +
1
2
M<=M<<1, rotate left 1, c<-7, 0<-C
ROL
26
ZPG
+ ----- + +
2
5
M<=M<<1, rotate left 1, c<-7, 0<-C
ROL
36
ZPX
+ ----- + +
2
6
M<=M<<1, rotate left 1, c<-7, 0<-C
ROL
2E
ABS
+ ----- + +
3
6
M<=M<<1, rotate left 1, c<-7, 0<-C
ROL
3E
ABX
+ ----- + +
3
7
M<=M<<1, rotate left 1, c<-7, 0<-C
ROR
6A
ACC
+ ----- + +
1
2
M<=M<<1, rotate right 1, c<-7, 0<-C
ROR
66
ZPG
+ ----- + +
2
5
M<=M<<1, rotate right 1, c<-7, 0<-C
ROR
76
ZPX
+ ----- + +
2
6
M<=M<<1, rotate right 1, c<-7, 0<-C
ROR
6E
ABS
+ ----- + +
3
6
M<=M<<1, rotate right 1, c<-7, 0<-C
ROR
7E
ABX
+ ----- + +
3
7
M<=M<<1, rotate right 1, c<-7, 0<-C
RTI
40
IMP
From Stack
1
5
PC<=from stack, B=0
RTS
60
IMP
--------
1
5
PC<=from stack
SBC
E9
IMM
+ + ---- + +
2
2
A<=A-M-C (C is a borrow)
SBC
E5
ZPG
+ + ---- + +
2
3
A<=A-M-C (C is a borrow)
SBC
F5
ZPX
+ + ---- + +
2
4
A<=A-M-C (C is a borrow)
SBC
ED
ABS
+ + ---- + +
3
4
A<=A-M-C (C is a borrow)
SBC
FD
ABX
+ + ---- + +
3
4
A<=A-M-C (C is a borrow)
SBC
F9
ABY
+ + ---- + +
3
4
A<=A-M-C (C is a borrow)
SBC
F2
IND
+ + ---- + +
3
5
A<=A-M-C (C is a borrow)
SBC
E1
INX
+ + ---- + +
3
6
A<=A-M-C (C is a borrow)
SBC
F1
INY
+ + ---- + +
3
5
A<=A-M-C (C is a borrow)
SEC
38
IMP
------- 1
1
2
C<=1
SED
F8
IMP
- - - - 1 - - -
1
2
D<=1
SEI
78
IMP
----- 1 - -
1
2
I<=1
SMB0
87
ZPG
--------
2
4
M(0) <=1 (RMW)
SMB1
97
ZPG
--------
2
4
M(1) <=1 (RMW)
SMB2
A7
ZPG
--------
2
4
M(2) <=1 (RMW)
SMB3
B7
ZPG
--------
2
4
M(3) <=1 (RMW)
SMB4
C7
ZPG
--------
2
4
M(4) <=1 (RMW)
SMB5
D7
ZPG
--------
2
4
M(5) <=1 (RMW)
HT9580
56
April 28, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com