Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA5010 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 4Page - NXP Semiconductors PCA5010 Datasheet HTML 5Page - NXP Semiconductors PCA5010 Datasheet HTML 6Page - NXP Semiconductors PCA5010 Datasheet HTML 7Page - NXP Semiconductors PCA5010 Datasheet HTML 8Page - NXP Semiconductors PCA5010 Datasheet HTML 9Page - NXP Semiconductors PCA5010 Datasheet HTML 10Page - NXP Semiconductors PCA5010 Datasheet HTML 11Page - NXP Semiconductors PCA5010 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 112 page
background image
1998 Nov 02
8
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
RESOUT
46
O
Monitor output for the emulation system. Is active (LOW) whenever a reset is
applied to the microcontroller (a reset can be forced by RESETIN, watchdog or
wake-up from DC/DC converter in off mode). A reset to the microcontroller
initializes all SFRs and port pins; it has no impact on the blocks operating from
VBAT.
P3.2 and P3.3
47 and 48
I/O
Port 3: P3.2 and P3.3 are configured as push-pull output only (option 3R, see
Section 6.6). Using the software input commands or the secondary port
function is possible by driving the Port 3 output lines accordingly:
P3.2 secondary function: INT0 (external interrupt 0)
P3.3 secondary function: INT1 (external interrupt 1)
SYMBOL
PIN
TYPE
DESCRIPTION
Fig.2 Pin configuration.
handbook, full pagewidth
1
2
3
4
5
6
7
8
9
10
11
36
35
34
33
32
31
30
29
28
27
26
12
25
PCA5010H
MGR336
VPP
TCLK
EA
PSEN
VDD
VSS
P1.4
P1.3
P1.2
P1.1
P1.0
ALE
P3.4
P3.5
AT
P2.0
P2.1
P2.2
P2.4
P2.5
P2.7
P0.0
P2.3
P2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com