Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA5010 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 14Page - NXP Semiconductors PCA5010 Datasheet HTML 15Page - NXP Semiconductors PCA5010 Datasheet HTML 16Page - NXP Semiconductors PCA5010 Datasheet HTML 17Page - NXP Semiconductors PCA5010 Datasheet HTML 18Page - NXP Semiconductors PCA5010 Datasheet HTML 19Page - NXP Semiconductors PCA5010 Datasheet HTML 20Page - NXP Semiconductors PCA5010 Datasheet HTML 21Page - NXP Semiconductors PCA5010 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 112 page
background image
1998 Nov 02
18
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Table 5
Port 3 configuration
The port configuration is fixed and cannot be reconfigured by software or OTP code.
Table 6
Other pins
P2.4
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
LCD_Data
P2.5
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
LCD_Data
P2.6
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
LCD_Data
P2.7
quasi bidirectional I/O (option 1S)
yes
hys
HIGH
0.75 mA
LCD_Data
PORT PIN
CONFIGURATION
PULL-UP
INPUT
RESET
DRIVE
POSSIBLE
APPLICATION IN A
PAGER
P3.0
not available
P3.1
not available
P3.2
push-pull output (option 3R)
no
hys
LOW
3 mA
call LED
P3.3
push-pull output (option 3R)
no
hys
LOW
3 mA
vibrator
P3.4
push-pull output (option 3R)
no
hys
LOW
3 mA
back light
P3.5
push-pull output (option 3R)
no
hys
LOW
3 mA
LCD R/W/RXD enable
P3.6
not available
P3.7
not available
PORT PIN
CONFIGURATION
PULL-UP
INPUT
RESET
DRIVE
POSSIBLE
APPLICATION IN A
PAGER
AT
push-pull output
no
LOW
3 mA
tone generator output
I(D1)
digital input
no
hys
Q(D0)
digital input
no
hys
TCLK
digital input
no
hys
RESETIN
digital input
no
hys
reset input
RESOUT
push-pull output
no
LOW
1.5 mA
reset output
XTL1
analog input/output (10 pF)
no
hys
to crystal quartz
XTL2
analog input/output (10 pF)
no
to crystal quartz
AFCOUT
analog output
no
ALE
quasi bidirectional I/O
yes
hys
HIGH
1.5 mA
PSEN
quasi bidirectional I/O
yes
hys
HIGH
0.75 mA
EA
3-state I/O with bus keeper
hold
buffer
HIGH
0.75 mA
PORT PIN
CONFIGURATION
PULL-UP
INPUT
RESET
DRIVE
POSSIBLE
APPLICATION IN A
PAGER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com