Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA5010 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 9Page - NXP Semiconductors PCA5010 Datasheet HTML 10Page - NXP Semiconductors PCA5010 Datasheet HTML 11Page - NXP Semiconductors PCA5010 Datasheet HTML 12Page - NXP Semiconductors PCA5010 Datasheet HTML 13Page - NXP Semiconductors PCA5010 Datasheet HTML 14Page - NXP Semiconductors PCA5010 Datasheet HTML 15Page - NXP Semiconductors PCA5010 Datasheet HTML 16Page - NXP Semiconductors PCA5010 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
1998 Nov 02
13
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Table 1
Special Function Registers Overview; note 1
ADDR
(HEX)
NAME
7
6
5
4
3
2
1
0
R/W
RESET
VALUE
COMMENT
80
P0
RW
9FH
bit addressable
81
SP
RW
07H
82
DPL
RW
00H
83
DPH
RW
00H
87
PCON
SMOD
XRE
ENIS
−
GF1
GF0
PD
IDL
RW
00H
88
TCON
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
RW
00H
bit addressable
89
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
RW
00H
8A
TL0
RW
00H
8B
TL1
RW
00H
8C
TH0
RW
00H
8D
TH1
RW
00H
90
P1
RW
FFH
bit addressable
92
TGCON
ENB
CLK2
−−−−
−
−
RW
00H
93
TG0
RW
00H
94
WUCON
RUN
WUP
TEST
CPL
Z1
Z0
LOAD
SET
RW
00H
see note 2
95
WUC0
RW
00H
see note 2
96
WUC1
RW
00H
see note 2
98
S0CON
SM0
SM1
−
REN
TB8
RB8
TI
RI
RW
00H
bit addressable
99
S0BUF
RW
00H
9E
AFCON
ENB
−
AFC5
AFC4
AFC3
AFC2
AFC1
AFC0
RW
00H
A0
P2
RW
FFH
bit addressable
A5
WDCON
COND
WD3
WD2
WD1
WD0
−−
LD
RW
00H
A8
IEN0/IE
EA
EWU
ES1
ES0
ET1
EX1
ET0
EX0
RW
00H
bit addressable
B0
P3
RW
C3H
bit addressable
B8
IP/IP0
−
PWU
PS1
PS0
PT1
PX1
PT0
PX0
RW
00H
bit addressable
C0
IRQ1
IQ9
IQ8
IQ7
IQ6
IQ5
IQ4
IQ3
IQ2
RW
00H
bit addressable
CD
RTCON
MIN
−−−−
W/R
LOAD
SET
RW
00H
see note 2
CE
RTC0
RW
00H
see note 2
D0
PSW
CY
AC
F0
RS1
RS0
OV
P(3)
RW
00H
bit addressable
D1
DCCON0
OFF
SBY
RXE
SBLI
−−
STB(3)
BLI(3)
RW
03H
D2
DCCON1
VBG1
VBG0
VLO1
VLO0
−
−−−
RW
00H
D3
OS6CON
ENB
−
SF4
SF3
SF2
SF1
SF0
MFR
RW
00H
D4
OS6M0
R
00H
D8
S1CON
−
ENS1
STA
STO
SI
AA
−
CR0
RW
00H
bit addressable
D9
S1STA
SC4
SC3
SC2
SC1
SC0
0
0
0
R
78H
DA
S1DAT
RW
00H
E0
ACC
RW
00H
bit addressable
E8
IEN1
EMIN
EWD
EDC
EX6
ESC
EX4
EX3
EX2
RW
00H
bit addressable
E9
IX1
IL9
IL8
IL7
IL6
IL5
IL4
IL3
IL2
RW
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com