Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA5010 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 66Page - NXP Semiconductors PCA5010 Datasheet HTML 67Page - NXP Semiconductors PCA5010 Datasheet HTML 68Page - NXP Semiconductors PCA5010 Datasheet HTML 69Page - NXP Semiconductors PCA5010 Datasheet HTML 70Page - NXP Semiconductors PCA5010 Datasheet HTML 71Page - NXP Semiconductors PCA5010 Datasheet HTML 72Page - NXP Semiconductors PCA5010 Datasheet HTML 73Page - NXP Semiconductors PCA5010 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 112 page
background image
1998 Nov 02
70
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
Fig.45 VDD as a function of load current.
VBAT = 1.2 V; L = 470 µH; SRL = 5 Ω; Co = 4.7 µF; ESR = 0.5 Ω.
handbook, full pagewidth
MGR141
2.25
2.20
2.15
2.10
VDD (IL) mean
4
0
8
12
16
20
IL (mA)
VDD
(V)
HF
ripple
6.22.7
VDD ADJUSTMENT
VDD can be shifted in four steps by adjusting the band gap
voltage. The band gap voltage is set with the two bits
VBG1 and VBG0 in DCCON1 according to Table 55.
Table 55 VDD adjustment
VBG1
VBG0
OUTPUT VOLTAGE
00
VDD
01
VDD − 50 mV
10
VDD +50mV
11
VDD + 100 mV
6.22.8
BATTERY LOW MEASUREMENT
Battery low measurement is enabled by setting the SBLI
bit in DCCON0. 0.5 ms after setting SBLI to logic 1 the BLI
bit in DCCON0 contains the measurement result. When
BLI = 0 the battery voltage is below 1.1 V. When BLI = 1
VBAT is above 1.1 V. When SBLI = 1 VBAT is measured
continuously. Setting SBLI to logic 0 disables the VBAT
comparator and BLI is set to logic 1. After a reset pulse at
RESETIN, SBLI is reset to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com