Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA5010 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PCA5010
Description  Pager baseband controller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA5010 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PCA5010 Datasheet HTML 40Page - NXP Semiconductors PCA5010 Datasheet HTML 41Page - NXP Semiconductors PCA5010 Datasheet HTML 42Page - NXP Semiconductors PCA5010 Datasheet HTML 43Page - NXP Semiconductors PCA5010 Datasheet HTML 44Page - NXP Semiconductors PCA5010 Datasheet HTML 45Page - NXP Semiconductors PCA5010 Datasheet HTML 46Page - NXP Semiconductors PCA5010 Datasheet HTML 47Page - NXP Semiconductors PCA5010 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 112 page
background image
1998 Nov 02
44
Philips Semiconductors
Product specification
Pager baseband controller
PCA5010
WDCON.2
−
unused
WDCON.1
−
unused
WDCON.0
LD
Load watchdog timer with WD0 to WD3. Control signal from processor.
BIT
SYMBOL
FUNCTION
6.16.3
SAMPLE SEQUENCE TO RELOAD THE WATCHDOG
The sequence to reload the watchdog with 1 s is:
MOV WDCON, #80H; prepare condition
MOV WDCON, #01H; reload the timer.
6.17
2 or 4-FSK demodulator, filter and clock
recovery circuit
6.17.1
FUNCTION
The aim of the blocks demodulator and clock recovery
circuitry is to take the signal from the receiver, to format it
into symbols and to transfer it to the processor. The two
blocks use the 76.8 kHz clock.
The demodulator decodes the incoming signal and
generates a sequence of NRZ data. This data is fed to the
clock recovery block which regenerates the
synchronization clock. This clock is used to sample and to
shift the symbols into the register DMD3. Each block is
enabled separately. To save power, the functions should
be disabled whenever not needed.
6.17.1.1
Demodulator and filter
The demodulator can operate both with 2-level or 4-level
FSK input signals (selectable by means of bit LEV).
For both types of input signals the so called demodulator,
filter and direct modes are allowed. The operation mode is
selected on the basis of M bit and BF bit.
In the demodulator mode (M = 0 and BF = X) the I and Q
signals are decoded according to Table 36.
Operating in this mode, an offset compensation can be
performed and the calculated offset value is stored into
register DMD1, in the field AVG. The offset value can be
used by the processor to adjust the analog AFC output
voltage.
The offset coding is given in Table 37.
The performance of the demodulator for the different baud
rates in 2L mode is shown in Fig.24 and for 4L mode in
Fig.25. The graphs show the Bit Error Rate (BER) as a
function of Eb/No (ratio of signal energy per bit to average
noise power per unit bandwidth).
Both the filter and direct modes are intended for
application with an external demodulator. In this case NRZ
data is fed to the I and Q pins. In the 4-FSK case, the MSB
is at pin I and the LSB is at pin Q. In the 2-FSK situation,
only the I pin is used while pin Q must be connected to
VSS. In these two modes, the offset calculation and
compensation cannot be performed.
In the filter mode (M = 1 and BF = 0), the data is filtered
and then sent to the clock recovery. The filter
characteristics of the implemented filter are shown in
Fig.26.
In the direct mode (M = 1 and BF = 1), no function of the
demodulator is performed. Consequently there is no
filtering on the data which is sent directly to the clock
recovery.
Table 36 Modulation coding
Table 37 Offset coding (2s complement)
FREQUENCY
(Hz)
2-FSK
4-FSK
D1
D0
D1
D0
+4800
1
X
1
0
+1600
1
X
1
1
−1600
0
X
0
1
−4800
0
X
0
0
OFFSET (Hz)
CODE (AVG6 TO AVG0)
−9450
0111111
−9300
0111110
...
...
−300
0000010
−150
0000001
0
0000000
150
1111111
300
1111110
...
...
9300
1000001
9450
1000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com