Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D170407 Datasheet (PDF) - List of Unclassifed Manufacturers

D170407 Datasheet PDF - List of Unclassifed Manufacturers
Part # D170407
Download  D170407 Download
File Size   240.09 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Two-Channel Power Amplifier

D170407 Datasheet (PDF)

Go To PDF Page Download Datasheet
D170407 Datasheet PDF - List of Unclassifed Manufacturers

Part # D170407
Download  D170407 Click to download

File Size   240.09 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Two-Channel Power Amplifier

D170407 Datasheet (HTML) - List of Unclassifed Manufacturers


D170407 Product details

Key Features:
• 2 x 270W at 70V or 270W at
4 Ohms
• 2 U Rack Space Chassis
• Stepped Rear Level Controls
• Bridge Mode Operation Provides
1 x 540W at 8 ohms
• Complete Protection Package
• Selectable 50Hz or 300Hz Hi-Pass
Filter for each Channel
• Phoenix Type Inputs
• Phoenix Type Outputs
• High Efficiency Circuit Design
• Front Panel Power On/Off

General Description:
The Electro-Voice® PA2250T is from the PA series of
professional commercial audio amplifiers. The direct path
airflow design reduces the heat buildup significantly and
allows more amplifier channels and output power in slim
two rack space chassis. The audio performance of the
PA2250T is superior and fulfills the requirements in many
demanding long term applications from sound
reinforcement, paging or life safety installations.
High performance torroidal power and output transformers
combine clean saturation free audio performance with cool
running operation. The PA2250T features many of the same
comprehensive protection circuits typical in EV amplifiers.
Complete protection is provided for high temperature, audio
limiters, power up delay and peak current limiters. In addition
to the rated output power, the PA2250T provides excellent
headroom for a wide dynamic range on music signals. The
onboard dynamic limiter ensures that the output clipping of
the PA2250T will not generate excessive distortion. The
amplifier channels can be bridged for more power flexibility.
Marked level controls on the rear panel provide hidden
reliable level adjustments for each channel. Front panel
LEDs indicate signal present, 0 dB, and limit. Phoenix type
connectors for inputs and outputs provide an easy rack wiring.




Similar Part No. - D170407

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
D170087 NXP-D170087 Datasheet
235Kb / 17P
Airfast Power Amplifier Module
Rev. 1 - January 2023
D170087 NXP-D170087 Datasheet
722Kb / 20P
Airfast Power Amplifier Module
Rev. 1 - 19 March 2024
D170087 NXP-D170087 Datasheet
719Kb / 20P
Airfast Power Amplifier Module
Rev. 1 - 31 May 2024
logo
NEC
D1703C NEC-D1703C Datasheet
477Kb / 9P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
D1703C NEC-D1703C Datasheet
516Kb / 9P
PHASE LOCKED LOOP FREQUENCY SYNTHESIZER FM/AM DIGITAL TUNING SYSTEM CONTROLLER CMOS LSI
More results


Similar Description - D170407

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
Two- channel Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
Two-Channel 13.5 W BTL Audio Power Amplifier
LA4627 SANYO-LA4627 Datasheet
64Kb / 6P
Two-Channel Audio Frequency Power Amplifier
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
Two-Channel 20 W BTL Audio Power Amplifier
LA4629 SANYO-LA4629 Datasheet
63Kb / 6P
Two-Channel Audio Frequency Power Amplifier
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
LA6516 SANYO-LA6516 Datasheet
80Kb / 4P
Two-Output Power Amplifier
LA7471M SANYO-LA7471M Datasheet
198Kb / 9P
Two-Channel Video camera microphone amplifier
STK412-170 SANYO-STK412-170 Datasheet
62Kb / 4P
Two-Channel Shift Power Supply Audio Power Amplifier ICs
logo
Texas Instruments
TAS5412-Q1 TI1-TAS5412-Q1 Datasheet
1Mb / 38P
TWO-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com