Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet (PDF) - NXP Semiconductors

PCF5083 Datasheet PDF - NXP Semiconductors
Part # PCF5083
Download  PCF5083 Download
File Size   602.28 Kbytes
Page   136 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description GSM signal processing IC

PCF5083 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF5083 Datasheet PDF - NXP Semiconductors

Part # PCF5083
Download  PCF5083 Click to download

File Size   602.28 Kbytes
Page   136 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description GSM signal processing IC

PCF5083 Datasheet (HTML) - NXP Semiconductors


PCF5083 Product details

GENERAL DESCRIPTION
The PCF5083 GSM Signal Processing IC is a dedicated VLSI circuit; fabricated in a 0.5 µm CMOS process. It has been designed for baseband signal processing tasks for the Pan European Global System for Mobile telecommunication (GSM). The PCF5083 is part of the second generation Philips Semiconductors GSM chip set.

FEATURES
• Fabricated in a 0.5 µm CMOS process with 3-layer metal
• LQFP128 package (SOT420AA-2)
• 3.3 V operation
• Low power
• Embedded DSP core for all GSM specific signal processing tasks:
   – 16-bit fixed point DSP
   – 19.5 MHz or external clock operation
   – Flexible power-down modes
   – 5 kbyte on-chip program or data RAM
   – 2 kbyte on-chip data ROM
   – 16 kbyte on-chip program ROM
   – Fully pre-programmed modules for GSM baseband tasks including all data channels
   – Dedicated GSM signal processor with application specific hardware for: equalisation, channel encoding/decoding for all traffic and control channels and encryption/decryption (A5/1 and A5/2 algorithms)
   – Tone and side-tone generation
• GSM Hardware Timer and Interface core:
   – Power saving Sleep mode for GSM mobiles
   – Programmable TDMA timing and power-down signals with 0.25 bit resolution
   – Three wire serial control bus for fast programming of RF ICs and synthesizers
   – IOM®-2 interface for external accessories, host software download and support of the Digital Audio Interface (DAI)
   – RS232 interface for the man machine interface controller
   – Man machine interface power-down control
   – Power supply control logic with Watchdog Timer
   – Real time clock and calendar running on 32.768 kHz
   – 6-bit general purpose I/O port
• Reduced swing 13 MHz main clock input
• On-chip PLL to derive the DSP and microcontroller clock
• 8-bit, 68000 compatible host interface with three interrupt lines
• Boundary scan interface in accordance with “IEEE Standard 1149.1-1990”.




Similar Part No. - PCF5083

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF5081 PHILIPS-PCF5081 Datasheet
186Kb / 14P
GSM baseband processors for digital mobile cellular radio
September 1993
PCF5082 PHILIPS-PCF5082 Datasheet
186Kb / 14P
GSM baseband processors for digital mobile cellular radio
September 1993
More results


Similar Description - PCF5083

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
Synchronizing signal processing IC
logo
Sanyo Semicon Device
LA7668N SANYO-LA7668N Datasheet
177Kb / 11P
Video Signal Auto-White Processing IC
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
CCD Digital Signal Processing IC
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
VIF/SIF Signal-Processing IC
logo
ON Semiconductor
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
Signal-Processing System IC
June, 2013
LC72722PMS ONSEMI-LC72722PMS Datasheet
171Kb / 18P
Signal-Processing System IC
June, 2013
logo
Rohm
BD3893FV ROHM-BD3893FV Datasheet
225Kb / 3P
Shock Sensor Signal Processing IC
logo
Toshiba Semiconductor
TC90175XBG TOSHIBA-TC90175XBG Datasheet
407Kb / 8P
Video signal processing IC
2018-07-02 Rev.1.00
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com