Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 5Page - NXP Semiconductors PCF5083 Datasheet HTML 6Page - NXP Semiconductors PCF5083 Datasheet HTML 7Page - NXP Semiconductors PCF5083 Datasheet HTML 8Page - NXP Semiconductors PCF5083 Datasheet HTML 9Page - NXP Semiconductors PCF5083 Datasheet HTML 10Page - NXP Semiconductors PCF5083 Datasheet HTML 11Page - NXP Semiconductors PCF5083 Datasheet HTML 12Page - NXP Semiconductors PCF5083 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 136 page
background image
1996 Oct 29
9
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
GPON1
63
O
Sleep mode power-down 1 (active HIGH, 3-state).
GPON2
64
O
Sleep mode power-down 2 (active HIGH, open-drain output).
REFON
65
O
Sleep mode power-down 3 (active HIGH, 3-state).
DCLK
66
I
External DSP clock input.
RSTP
67
I
PLL reset (active LOW with internal pull-down resistor).
CLKSEL
68
I
Timer clock source select.
VSSPLL
69
Ground for PLL.
CKO
70
O
Low swing input buffer output.
VSS1
71
Ground I/O pin.
VDD1
72
Supply I/O pin.
CKI
73
I
Reference clock input, low swing input 13 kHz.
VDDPLL
74
Supply for PLL.
TMS
75
I
JTAG port mode select (with internal pull-down resistor).
TDI
76
I
JTAG port data input (with internal pull-down resistor).
TDO
77
O
JTAG port data output.
TCKIO
78
I
Auxiliary test signal - tied to VSS during operation.
TRSTN
79
I
JTAG port reset (with internal pull-down resistor).
VDD2
80
Supply core.
VSS2
81
Ground core.
TCK
82
I
JTAG port clock input (with internal pull-down resistor).
HCEN_T
83
I
Host Interface Enable - Timer core (active LOW).
IO1/AEN
84
I/O
DSP general purpose I/O used for voice port control (CMOS level I/O). The
PCF5083-3 has its own internal pull-up resistor however, both the PCF5083-2B
and PCF5083-2C require a pull-up resistor.
IO2
85
I/O
DSP general purpose I/O used for voice port control (CMOS level I/O). The
PCF5083-3 has its own internal pull-up resistor however, both the PCF5083-2B
and PCF5083-2C require a pull-up resistor.
IO3/IRQN2
86
I/O
DSP general purpose I/O or Interrupt Request Input 2 (CMOS level I/O). The
PCF5083-3 has its own internal pull-up resistor however, both the PCF5083-2B
and PCF5083-2C require a pull-up resistor.
IO4/DTX
87
I/O
DSP general purpose I/O (CMOS level I/O, external pull-up resistor required).
HA0 to HA6
88 to 94
I
Host Interface Address.
HD0 to HD3
95 to 98
I/O
Host Interface Data (3-state).
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com