Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 4Page - NXP Semiconductors PCF5083 Datasheet HTML 5Page - NXP Semiconductors PCF5083 Datasheet HTML 6Page - NXP Semiconductors PCF5083 Datasheet HTML 7Page - NXP Semiconductors PCF5083 Datasheet HTML 8Page - NXP Semiconductors PCF5083 Datasheet HTML 9Page - NXP Semiconductors PCF5083 Datasheet HTML 10Page - NXP Semiconductors PCF5083 Datasheet HTML 11Page - NXP Semiconductors PCF5083 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
1996 Oct 29
8
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
AUXON
33
I
Auxiliary Switch on input (active HIGH, CMOS level Schmitt trigger input).
LOWVOLT
34
I
Low battery indication (active LOW, CMOS level Schmitt trigger input).
POWON
35
O
Power Regulator on (active HIGH).
NPOWON
36
O
Power Regulator on (active LOW).
RST
37
I
Asynchronous Reset for timer section (active LOW, CMOS level Schmitt trigger
input).
CLK32K
38
O
The 32.768 kHz CMOS level output for PCF5083-2B and PCF5083-2C.
CLK26M
The 26 MHz CMOS level output for PCF5083-3.
TXD
39
O
RS232 transmit data output (open-drain output).
RXD
40
I
RS232 receive data input.
MMIEN
41
O
RS232 input buffer full indication (active LOW, open-drain output).
MMIREQ
42
I
MMI clock request (active HIGH, CMOS level Schmitt trigger input).
MMICLK
43
O
MMI clock 13 MHz.
FSC
44
I/O
IOM®-2 frame pulse (3-state).
DCL
45
I/O
IOM®-2 clock (3-state).
DU
46
I
IOM®-2 data input (CMOS level Schmitt trigger input).
DD
47
O
IOM®-2 data output (open drain output).
VSS2
48
Ground core.
VDD1
49
Supply I/O pin.
VSS1
50
Ground I/O pin.
VDD2
51
Supply core.
RFCLK
52
O
RF
−IC interface shift clock (3-state).
RFEN1
53
O
RF
−IC Interface Enable 1(active LOW, 3-state).
RFEN2
54
O
RF
−IC Interface Enable 2 (active LOW, 3-state).
RFEN3
55
O
RF
−IC Interface Enable 3 (active LOW, 3-state).
RFEN4
56
O
RF
−IC Interface Enable 4 (active LOW, 3-state).
VDD2
57
Supply core.
VSSPLL
58
Ground for PLL.
RFDI
59
I
RF
−IC Interface data in.
RFDO
60
O
RF
−IC Interface data out (3-state).
RFE
61
O
RF
−IC Interface Enable (active HIGH, 3-state).
NREFON
62
O
Reference oscillator power-down (active LOW, 3-state).
SYMBOL
PIN
I/O
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com