Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 17Page - NXP Semiconductors PCF5083 Datasheet HTML 18Page - NXP Semiconductors PCF5083 Datasheet HTML 19Page - NXP Semiconductors PCF5083 Datasheet HTML 20Page - NXP Semiconductors PCF5083 Datasheet HTML 21Page - NXP Semiconductors PCF5083 Datasheet HTML 22Page - NXP Semiconductors PCF5083 Datasheet HTML 23Page - NXP Semiconductors PCF5083 Datasheet HTML 24Page - NXP Semiconductors PCF5083 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
1996 Oct 29
21
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.3.1
THE QUARTERBIT COUNTER
The quarterbit counter (QBC) represents the timebase of
the mobile. It consists of a 13-bit upcounter. The counter
directly counts the quarterbit steps within one TDMA
frame. Its range is therefore 0 to 4999.
At the beginning of every TDMA frame (quarterbit counter
state 0) the signal FRAME_INT goes LOW, generating an
interrupt (frame interrupt) to the System Controller. The
interrupt line is deactivated by accessing the register
MODE0_REG. The frame interrupt is disabled with
MODEx_REG[DISFRAMEINT] = 1.
8.3.1.1
Initial Quarterbit Counter Timing Alignment
The timing offset between a base station and a mobile
station can be corrected by presetting the quarterbit
counter with an estimated correction value. Therefore the
register QBC_REG has to be set up with this correction
value in frame N and the flag QBRCTRL_REG[SYNC] has
to be set.
At the end of frame N the quarterbit counter is loaded from
QBC_REG with zeros. The duration of frame N + 1 is
5000
− [QBC_REG] and the mobile will be synchronised at
the beginning of frame N + 2. The frame interrupt at the
beginning of frame N + 1 is disabled. The timing
generation is disabled during frame N + 1. The SYNC flag
is cleared after synchronization.
For the System Controller the resulting timing looks like
frame N being extended and synchronization being
achieved with frame N + 1.
8.3.1.2
Maintaining the Quarterbit Counter Timing
Alignment
Small timing corrections can be made by inserting or
extracting one quarterbit step at the beginning of a TDMA
frame. Therefore the INSERT or EXTRACT flag in register
QBCCTRL_REG have to be set. These flags are cleared
after the timing alignment was performed.
8.3.2
NORMAL MODE
In Normal mode the Timing Generator provides the output
signals specified in Table 8.
The power-down signals NPDTX2, NPDTX1 and
NPDBIAS are active LOW by default. All other signals are
active HIGH by default. Active HIGH in this context means
that the signals are on high level during a receive or a
transmit burst.
The output polarity can be changed by setting the
corresponding bit in register POL_REG to a logic 1. The
signals can be clamped to a level depending on their flag
in POL_REG by setting the corresponding bit in register
MASK_REG to a logic 0.
After a reset with RST, the receiver, transmitter and
synthesizer control lines are set to their inactive level.
The general MS timing is assumed to have the receive
timeslot (RX) in timeslot 0, the transmit timeslot (TX) in
timeslot 3 and the monitor timeslot (MON) in timeslot 6
within a TDMA frame.
Table 8
Output signals
SIGNAL
DESCRIPTION
Signals for the receiver section
RXON
baseband interface IC receiver enable
BEN
baseband interface IC enable
PDRX1
receiver power-down 1
PDRX2
receiver power-down 2
Signals for the transmitter section
TXON
baseband interface IC transmitter enable
BEN
baseband interface IC enable
TXKEY1
power amplifier power-down
TXKEY2
power ramping controller trigger signal
PDTX1
transmitter power-down 1
NPDTX1
inverted output of PDTX1
NPDTX2
transmitter power-down 2
PDPIAS
power amplifier bias voltage power-down
NPDBIAS
inverted output of PDBIAS
Signal for the synthesizer
PDSYN
synthesizer power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com