Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 70 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 66Page - NXP Semiconductors PCF5083 Datasheet HTML 67Page - NXP Semiconductors PCF5083 Datasheet HTML 68Page - NXP Semiconductors PCF5083 Datasheet HTML 69Page - NXP Semiconductors PCF5083 Datasheet HTML 70Page - NXP Semiconductors PCF5083 Datasheet HTML 71Page - NXP Semiconductors PCF5083 Datasheet HTML 72Page - NXP Semiconductors PCF5083 Datasheet HTML 73Page - NXP Semiconductors PCF5083 Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 136 page
background image
1996 Oct 29
70
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
CM_encoder_RACH
Channel encoder random access channel. The encoded RACH message is
stored in SCRATCH_BUFF.
bsic contains the 6 bits B(0) to B(5) of the base station identity code in
accordance with
“GSM Rec. 05.03”. B(0) is stored in the LSB (bit 0) of bsic,
B(5) in bit 5 of bsic. B(0) = MSB of PLMN colour code, B(5) = LSB of BS
colour code.
rach_msg[1] contains the RACH message consisting out of 8 bits. The bits
are stored in LSB first order. Unused MSBs are set to zero.
13
bsic
rach_msg[1]
CM_encoder_TCHDATA
Channel encoder and interleaver for data channels, FACCH and DTX
uplink control.
The dtx_flag determines whether discontinuous transmission (DTX) is
applied:
dtx_flag = 1; DTX is applied
dtx_flag = 0; DTX is not applied.
DTX is valid only for the encoder for full-rate 9.6 kbits/s and half-rate
4.8 kbits/s.
The facch_flag indications:
facch_flag = 0; indicates that no FACCH data must be encoded
facch_flag = 1; indicates that a FACCH message must be encoded.
The facch_msg[12] contains the 184 bits of the FACCH message. The bits
are stored in a packed format with 16-bits per word and LSB first order.
The return value txen is only useful if DTX is applied. It indicates whether
the TCH block will be transmitted over the air interface.
txen = 1; TCH block will be transmitted over the air interface
txen = 0; TCH block will not be transmitted over the air interface.
For data services other than full-rate 9.6 kbits/s and half-rate 4.8 kbits/s
txen will be set to logic 1.
74
dtx_flag
facch_flag
facch_msg[12]
txen
CM_encoder_TCHDATA_init
Initialization of CM_ENCODER_TCHDATA. The parameter data_service
may be one of the following values:
data_service = 0; full-rate = 9.6 kbits/s
data_service = 1; full-rate = 4.8 kbits/s
data_service = 2; full-rate
≤ 2.4 kbits/s
data_service = 3; half-rate = 4.8 kbits/s
data_service = 4; half-rate
≤ 2.4 kbits/s.
75
data_service
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com