Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 67Page - NXP Semiconductors PCF5083 Datasheet HTML 68Page - NXP Semiconductors PCF5083 Datasheet HTML 69Page - NXP Semiconductors PCF5083 Datasheet HTML 70Page - NXP Semiconductors PCF5083 Datasheet HTML 71Page - NXP Semiconductors PCF5083 Datasheet HTML 72Page - NXP Semiconductors PCF5083 Datasheet HTML 73Page - NXP Semiconductors PCF5083 Datasheet HTML 74Page - NXP Semiconductors PCF5083 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 136 page
background image
1996 Oct 29
71
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
CM_encoder_TCHFS
Channel encoder and interleaver for traffic channel full-rate speech and
FACCH and DTX uplink control.
The dtx_flag determines whether discontinuous transmission (DTX) is
applied:
dtx_flag = 1; DTX is applied
dtx_flag = 0; DTX is not applied.
The taf determines whether the current traffic frame is aligned with the
SACCH multiframe structure as described in
“GSM Rec. 05.08”:
taf = 0; not aligned with SACCH multiframe structure
taf = 1; aligned with SACCH multiframe structure.
The facch_flag indications:
facch_flag = 0; indicates that no FACCH message need be encoded
facch_flag = 1; indicates that a FACCH message must be encoded.
The facch_msg[12] contains the 184 bits of the FACCH message. The bits
are stored in a packed format with 16-bits per word and LSB first order.
The return value txen is only useful if DTX is applied. It indicates whether
the TCH block will be transmitted over the air interface.
txen = 1; TCH block will be transmitted over the air interface
txen = 0; TCH block will not be transmitted over the air interface.
14
dtx_flag
taf
facch_flag
facch_msg[12]
txen
CM_encoder_TCHFS_init
Initialization of CM_encoder_TCHFS.
15
−−
CP_audio_loop
Combination of:
MP_READ_AUDIO_IN_FIFO (SCRATCH_BUFF, 160,
−1);
MP_WRITE_AUDIO_OUT_FIFO (SCRATCH_BUFF, 160).
16
−−
CP_freq_estim
Combination of:
MP_READ_BBD_IN_FIFO (IQ_BUFF, 167);
FB_FREQ_ESTIM (threshold)
The fb_freq_estim processes 156 I and Q samples only. 167 samples are
read in order to minimize the number of different burst length
81
threshold
fb_qual
fb_foi
CP_freq_estim_offset (PCF5083-3)
Combination of:
MP_READ_BBD_IN_FIFO_INIT (i_offset, q_offset);
MP_READ_BBD_IN_INFO (IQ_BUFF, 167);
FB_FREQ_ESTIM (threshold).
37
threshold
i_offset
q_offset
fb_qual
fb_foi
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com