Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 27Page - NXP Semiconductors PCF5083 Datasheet HTML 28Page - NXP Semiconductors PCF5083 Datasheet HTML 29Page - NXP Semiconductors PCF5083 Datasheet HTML 30Page - NXP Semiconductors PCF5083 Datasheet HTML 31Page - NXP Semiconductors PCF5083 Datasheet HTML 32Page - NXP Semiconductors PCF5083 Datasheet HTML 33Page - NXP Semiconductors PCF5083 Datasheet HTML 34Page - NXP Semiconductors PCF5083 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 136 page
background image
1996 Oct 29
31
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.3.3.3
Sleep Clock Calibration
Since the ratio between the quarterbit clock and the sleep
clock may vary, an accurate value for the increment
SQBC_INC can be obtained with the following procedure:
1. Set QBCCTRL_REG[CAL] = 1 to enable the
calibration mode.
2. The calibration procedure lasts for 8 seconds.
3. After calibration, the CAL flag in QBCCTRL_REG is
automatically cleared. After 1 ms the register
SQBCINC_REG holds the lower 8 bits of the
increment value and can be used to verify the
calibration process. The maximum allowed frequency
deviation is
−23.8 kHz to +25.4 kHz at 13 MHz and
−63.6 Hz to +60.3 Hz at 32.768 kHz.
During the calibration procedure, the 13 MHz master clock
may not be switched off. Therefore, REFON stays active
even if the Sleep mode is enabled.
The calibration procedure has to be repeated from time to
time, because the exact frequency of the 13 MHz as well
as the 32 kHz clock may change.
After power up, the calibration procedure must be
performed before the Sleep mode can be activated.
8.3.3.4
Reduced Sleep mode
During reduced Sleep mode the mobile timing is
maintained with the quarterbit counter. The sleep
quarterbit counter is not used. For the System Controller
all timings are as in Sleep mode. The signal REFON is
always active. All other Sleep mode signals (GPON1 etc.)
are activated as during Sleep mode. The reduced Sleep
mode is invoked with QBCCTRL_REG[SLEEP] = 1 and
QBCCTRL_REG[SLEEPRED] = 1.
8.3.3.5
From Sleep mode to Normal mode
The PCF5083 is forced into a wake-up state if the
hardware control interrupt HWCTRL_INT is asserted
internally (caused by the ON/OFF monitor, MMI
power-down unit or real time clock). The interrupt line
COMB_INT is not asserted but the interrupt stays pending
internally until Sleep mode is finished.
If the PCF5083 enters the wake-up state and
SLEEPCNT_REG is less than or equal to REFON_REG,
the Sleep mode terminates normally. Otherwise, if
SLEEPCNT_REG is greater than REFON_REG,
REFON_REG is copied to SLEEPCNT_REG instead of
SLEEPCNT_REG being decremented at the next frame
boundary and the Sleep mode terminates with reduced
duration. The maximum delay from any wake-up request
to the end of the wake-up procedure depends on the
setting of REFON_REG and is 64
× 4.6 ms = 294.4 ms.
After entering the normal mode again FRAMECNT_REG
shows the number of actually slept frames. If the Sleep
mode terminated normally, this number equals the number
SLEEPCNT_REG previously was programmed with.
The System Controller now has to set up the timing
generator mode for the next frame. With the beginning of
the next frame the PCF5083 enters the normal operation
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com