Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 60Page - NXP Semiconductors PCF5083 Datasheet HTML 61Page - NXP Semiconductors PCF5083 Datasheet HTML 62Page - NXP Semiconductors PCF5083 Datasheet HTML 63Page - NXP Semiconductors PCF5083 Datasheet HTML 64Page - NXP Semiconductors PCF5083 Datasheet HTML 65Page - NXP Semiconductors PCF5083 Datasheet HTML 66Page - NXP Semiconductors PCF5083 Datasheet HTML 67Page - NXP Semiconductors PCF5083 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 136 page
background image
1996 Oct 29
64
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
The MP_CONTROL_BUFF may be used to control several features of the DSP. It consists of 4 parameter fields as given
in Tables 56 and 57.
Table 56 Contents of MP_CONTROL_BUFF
Table 57 Associated I/O pins
Note
1. If proc_trace_buff[1] is 0, then IO3 is set on errors.
OFFSET
DESCRIPTION
0
time-out_freq: ECLK input frequency divided by 10 kHz. After reset time-out_freq is set to
3 (32.768 kHz clock).
1
eclk_cycle_count: contains number of ECLK cycles spent most recently called procedure. Required for
test purposes only.
2 to 4
proc_trace_buff[2]: for debugging purposes the DSP provides a procedure trace facility. The IDs of the
procedures to be traced must be stored in proc_trace_buff. If any of these procedures is executing, its
corresponding I/O pin (see Table 57) is set to a logic 0.
LOCATION
I/O PIN
DEFAULT AFTER RESET
proc_trace_buff[0]
IO2
17 CP_rx_normal_burst
proc_trace_buff[1]
IO3
00 trace errors; note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com