Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 99 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 99 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 95Page - NXP Semiconductors PCF5083 Datasheet HTML 96Page - NXP Semiconductors PCF5083 Datasheet HTML 97Page - NXP Semiconductors PCF5083 Datasheet HTML 98Page - NXP Semiconductors PCF5083 Datasheet HTML 99Page - NXP Semiconductors PCF5083 Datasheet HTML 100Page - NXP Semiconductors PCF5083 Datasheet HTML 101Page - NXP Semiconductors PCF5083 Datasheet HTML 102Page - NXP Semiconductors PCF5083 Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 136 page
background image
1996 Oct 29
99
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
10 MICROCONTROLLER INTERFACE
The PCF5083 includes a standard 68000 compatible microcontroller interface. The interface consists of the lines
specified in Table 76.
The 128-byte wide register space of the Timer core is selected if HCEN_T is asserted. The 4 byte wide register space
of the DSP core is selected if HCEN_D is asserted. The DSP core only uses the address lines HA0 and HA1. All other
address lines are don’t care for the DSP core.
The Timer core accessed via HCEN_T does not assert DTACK.
Registers wider than 8-bit are aligned on word boundaries with the MSB on the lowest address and the LSB on the
highest address. For registers which use only three byte addresses, a reserved address location is provided to make
these registers accessible as longwords.
Reserved address locations, write only bits or registers and unused bits within registers are read as zeros and don’t care
for write operations.
For the DSP Core refer to Section 9.1.6.
Table 76 The Interface signal lines
10.1
Register Set for the Timer Core
Table 77 Register set
SIGNAL
DESCRIPTION
HD0 to HD7
8-bit bidirectional data bus.
HA0 to HA6
7-bit unidirectional address bus.
HR/W
Read/write select line. A logic 0, writes to the PCF5083. A logic 1, reads from the PCF5083.
HCEN_T
Chip select line for the Timer core (active LOW).
HCEN_D
Chip select line for the DSP core (active LOW).
DTACK
DSP core data acknowledge line (connected to the DTACK input of a 68000 compatible
microcontroller.
OFFSET
REGISTER
SIZE
R/W(1)
DESCRIPTION
00, 01
MODE0_REG
14
R/W
Mode Control Register 0; see Table 78
02, 03
MODE1_REG
14
R/W
Mode Control Register 1; see Table 78
04
RXBURST0_REG
8
W
RXON length in bit
05
RXBURST1_REG
8
W
RXON length in bit
06
RXBURST2_REG
8
W
RXON length in bit
07
TXBURST0_REG
8
W
TXON length in bit
08
TXBURST1_REG
8
W
TXON length in bit
09
TXBURST2_REG
7
W
Start of the Rx burst in QB
0A, 0B
TXSTART_REG
11
W
Start of the TX burst in QB
0C, 0D
MONSTART_REG
13
W
Start of the MON burst in QB
0E, 0F
TXKEY0_REG
10
W
TXKEY0 length in QB
10, 11
TXKEY1_REG
10
W
TXKEY1 length in QB
12
GPON1_REG
6
W
Time of GPON1 getting active in TDMA frames before the end
of the Sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com