Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 25Page - NXP Semiconductors PCF5083 Datasheet HTML 26Page - NXP Semiconductors PCF5083 Datasheet HTML 27Page - NXP Semiconductors PCF5083 Datasheet HTML 28Page - NXP Semiconductors PCF5083 Datasheet HTML 29Page - NXP Semiconductors PCF5083 Datasheet HTML 30Page - NXP Semiconductors PCF5083 Datasheet HTML 31Page - NXP Semiconductors PCF5083 Datasheet HTML 32Page - NXP Semiconductors PCF5083 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 136 page
background image
1996 Oct 29
29
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
During the three level measurement mode the burst length
of the receive burst during the TX slot is defined by the
same register RXBURSTx_REG as used for the
MON burst. The receive frequency must be set by
programming the TX channel of the RF_IC interface.
For a certain operation mode in frame N, the Timing
Generator has to be programmed with all necessary
parameters in frame N
− 1. For this purpose the registers
RXSTART_REG, TXSTART_REG, MONSTART_REG
and MODEx_REG have an additional pipelining stage.
The pipelining takes place at the beginning of every TDMA
frame with the frame interrupt generation.
8.3.3
SLEEP MODE
The Sleep mode circuitry is used to reduce the power
consumption during the Idle mode. During Sleep mode,
the mobile is switched on, but no call is active. The mobile
is only activated to read the paging blocks and for
neighbour cell monitoring. Outside these intervals, all ICs
can be switched off to save power.
In this mode also the main 13 MHz oscillator may be
switched off. To maintain TDMA timing alignment, the
PCF5083 is running temporarily on a slower clock
frequency, derived from the 32.768 kHz real time clock
oscillator. This clock is called Sleep Clock (SLCLK).
During the Sleep mode the PCF5083 controls the signals
specified in Table 15, the timing for these signals is
detailed in Table 16.
Sleep mode is activated with
QBCCTRL_REG[SLEEP] = 1 and
QBCCTRL_REG[SLEEPRED] = 0 (the SLEEPRED flag is
used for reduced Sleep mode, see below). The register
SLEEPCNT_REG has to be programmed with the number
of TDMA frames the mobile wants to sleep minus one.
Register FRAMECNT_REG is automatically cleared when
the Sleep mode is entered and counts the number of
TDMA frames actually slept. The 9-bit registers
SLEEPCNT_REG and FRAMECNT_REG allow a
maximum Sleep mode period of 512 frames. Refer to
Fig.11 for the signal flow.
Table 15 Signals controlled by the PCF5083 during Sleep mode
Table 16 Sleep mode signal timing
Notes
1. (N)REFON is not deactivated if the Sleep mode is initiated while the sleep clock calibration procedure is running (see
Section 8.3.3.3), while the IOM®-2 interface is enabled or the MMICLK flag in register HWCTRL_REG is set,
indicating that the MMI controller requires the 13 MHz clock.
2. Maximum 295 ms before Sleep mode terminates with 4.6 ms resolution {[(0 to 63) + 1]
× 4.6 ms}.
SIGNAL
DESCRIPTION
REFON
Reference oscillator on. Active HIGH output.
NREFON
Inverted REFON output.
DSPON
DSP power-down (connected on chip).
GPON1
General purpose power-down and radio part interface 3-state enable. Active HIGH output.
GPON2
General purpose power-down. Active HIGH output.
SIGNAL
FRAME NUMBER
ACTIVATION OF SIGNAL IF
SLEEPCNT_REG EQUALS
(N)REFON
In frame N + 1 on the third positive SLCLK edge
REFON_REG (notes 1 and 2)
DSPON
In frame N + 1 on the second positive SLCLK edge
KISSON_REG (note 2)
GPON1
In frame N + 1 on the second positive SLCLK edge
GPON1_REG (note 2)
GPON2
In frame N + 1 on the third positive SLCLK edge
GPON2_REG (note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com