Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 38Page - NXP Semiconductors PCF5083 Datasheet HTML 39Page - NXP Semiconductors PCF5083 Datasheet HTML 40Page - NXP Semiconductors PCF5083 Datasheet HTML 41Page - NXP Semiconductors PCF5083 Datasheet HTML 42Page - NXP Semiconductors PCF5083 Datasheet HTML 43Page - NXP Semiconductors PCF5083 Datasheet HTML 44Page - NXP Semiconductors PCF5083 Datasheet HTML 45Page - NXP Semiconductors PCF5083 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 136 page
background image
1996 Oct 29
42
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
It should be noted that:
• A LOW-to-HIGH transition of MMIREQ is detected
independent of HWCTRL_REG[MMICLK] respectively.
• As long as HWCTRL_REG[MMICLK] = 1, the REFON
output stays active even if the SGU enters Sleep mode.
During power-up reset indicated with RST active LOW,
HWCTRL_REG[MMICLK] is set and MMICLK is activated.
8.7
General purpose parallel I/O port
The PCF5083 includes a 6-bit general purpose parallel I/O
port. Every I/O line, except PIO0, has a corresponding
data bit in PORTDATA_REG and a data direction bit in
PORTDDIR_REG. The bits in PORTDATA_REG directly
represent the state of the I/O pins if the port is configured
as an input. Otherwise if the port is configured as output,
the data written to PORTDATA_REG directly represents
the state of the port line. A logic 1 in PORTDDIR_REG
configures the port line as an output, a logic 0 as an input.
PIO0 is configured as output only. It is used internally to
drive the reset input of the DSP core.
8.8
Real Time Clock
A real time/alarm time clock unit is included in the timer
core. The clock unit is driven from the 32.768 kHz crystal
oscillator. A leap year function is included. The clock
function utilizes the registers/counters specified in
Table 26.
Table 26 Clock function registers/counters
REGISTERS/
COUNTERS
CLOCK FUNCTION
SEC_REG
seconds, 00 to 59, two 4-bit digits BCD
encoded
MIN_REG
minutes, 00 to 59, two 4-bit digits BCD
encoded
HOUR_REG
hours, 00 to 23, two 4-bit digits BCD
encoded
DAY_REG
day, 0 to 6, 0 = Monday to 6 = Sunday
DATE_REG
date, 0 to 31, two 4-bit digits BCD
encoded
MONTH_REG
month, 01 to 12, two 4-bit digits BCD
encoded
YEAR_REG
year, 00 to 99, two 4-bit digits BCD
encoded
If the flag HWCTRL_REG[SECINT] is reset, the hardware
control interrupt (HWCTRL_INT, refer to Section 10.2) is
asserted with the HWCTRL_REG[CLOCK] flag set every
time MIN_REG is incremented. Otherwise if the flag is set,
the interrupt is asserted every time SEC_REG is
incremented.
8.8.1
SETTING THE REAL TIME CLOCK
To set the real time clock, the SETCLOCK bit in
HWCTRL_REG must be set to a logic 1. The flag is then
polled until it is read as a logic 1 again. This action may last
up to 0.5 s. After SETCLOCK = 1 is detected, the clock
registers can be written. After the write operation
SETCLOCK has to be reset again. If the register setting
takes place immediately after the hardware control
interrupt was asserted, the clock registers may be written
without polling of the SETCLOCK flag (SETCLOCK still
has to be set prior and reset after the register write
operation).
The following should be noted:
• If the Sleep mode is invoked, a wake-up request is
generated every time the hardware control interrupt is
asserted. To increase performance it is not
recommended to use the interrupt facility at a rate of one
second during Sleep mode.
An alarm function is implemented using the registers
SEC_A_REG, MIN_A_REG, HOUR_A_REG,
DAY_A_REG, DATE_A_REG, MONTH_A_REG and
YEAR_A_REG. If the contents of these registers equals
the corresponding counters, the hardware control interrupt
is asserted with the flag HWCTRL_REG[ALARM] set. If all
bits are set to one in one of the registers (07H in case of
the DAY_A_REG) it is don’t care for the comparison. If the
alarm function is activated while the MS is switched off, the
MS is powered up as described in Section 8.2.1.
If RSTC is activated the clock counters are reset to 00H,
except date and month which are set to 01H.
MONTH_A_REG is set to 00H to avoid an alarm condition.
The other alarm registers are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com