Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 83Page - NXP Semiconductors PCF5083 Datasheet HTML 84Page - NXP Semiconductors PCF5083 Datasheet HTML 85Page - NXP Semiconductors PCF5083 Datasheet HTML 86Page - NXP Semiconductors PCF5083 Datasheet HTML 87Page - NXP Semiconductors PCF5083 Datasheet HTML 88Page - NXP Semiconductors PCF5083 Datasheet HTML 89Page - NXP Semiconductors PCF5083 Datasheet HTML 90Page - NXP Semiconductors PCF5083 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 136 page
background image
1996 Oct 29
87
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 59 Registers that may be read (see Table 58)
REGISTER
NUMBER
NAME
0
pxs0
1
pxs1
2
pys0
3
pys1
4
sas
5
eas
6
dcuc
7
acuc
8sp
9
iopc
10
iopcx
11
sioc
12
soym
13
iopf
14
eb
15
reserved
16
mc
Table 60 Registers that may be changed (see Table 58)
REGISTER
NUMBER
NAME
0
pxs0
1
pxs1
2
pys0
3
pys1
4
sas
5
eas
6
dcuc
7
acuc
8sp
9
iopc
10
iopcx
11
sioc
12
soym
13
siyc
14
soyc
15
ecb
16
mc
Table 61 Determination of the attenuation routine (see Table 58); note 1
Note
1. After reset att is initialized with zero.
Table 62 Operation_mode fields
att
DESCRIPTION
0
no side tone
1
3 dB attenuation
2
6 dB attenuation
3
9 dB attenuation
4
12 dB attenuation
5
15 dB attenuation
6
18 dB attenuation
−1
loop back test microphone to loud speaker
15
14
13
12
11
10
9876543210
don’t care
ATT
HF
TMODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com