Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 41Page - NXP Semiconductors PCF5083 Datasheet HTML 42Page - NXP Semiconductors PCF5083 Datasheet HTML 43Page - NXP Semiconductors PCF5083 Datasheet HTML 44Page - NXP Semiconductors PCF5083 Datasheet HTML 45Page - NXP Semiconductors PCF5083 Datasheet HTML 46Page - NXP Semiconductors PCF5083 Datasheet HTML 47Page - NXP Semiconductors PCF5083 Datasheet HTML 48Page - NXP Semiconductors PCF5083 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 136 page
background image
1996 Oct 29
45
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9.1.2
GMSK MODULATOR INTERFACE
The PCF5083 serial output port SOX is used to transmit
the coded, interleaved and formatted bits to the GMSK
modulator in the PCF5072 baseband interface IC.
The SOX port consists of:
• Serial Output Data signal (SOXD)
• Serial Output Clock signal (SOXCLK), running at
270.83 kHz
• Serial Output Enable signal (SOXEN), active LOW.
The GSM bit clock is directly used as the external shift
clock, therefore no external buffering of transmission data
is necessary.
The PCF5083 general purpose I/O pin IO4 is used to
enable or disable the transmitter during DTX. If IO4 = 0,
the transmitter is enabled. If IO4 = 1, the transmitter is
disabled. It is sampled by the TDMA timer at the beginning
of the transmit burst period.
9.1.2.1
Burst format
Tables 29 and 30 show the format of the normal and
access burst produced by the DSP. The period of the
8 leading bits allows the power amplifier to ramp-down and
ramp-up.
Table 29 Normal burst format
BITS
NUMBER
OF BITS
DESCRIPTION
0 to 7
8
dummy bits (set to logic 1)
8 to 155
148
BN0 to BN147 in accordance
with
“GSM Rec. 05.02”
Table 30 Access burst format
9.1.3
AUDIO AND DATA INTERFACE
The PCF5083 serial port Y is connected on-chip to the
IOM®-2 interface of the Timer Core. It is used for
connection to the following devices:
• PCM codec in the PCF5072
• Digital Audio Interface (DAI), used during type approval
• Terminal adaptor for data services
• External digital answering machine.
The physical transfer order on the IOM®-2 bus is 16-bit,
MSB first. The following signals are used:
• Serial data input SIYD
• Serial data output SOYD
• Serial shift clock SIYCLK
• Frame synchronization input SIYEN.
The DSP by default reads and writes the first 16-bit
timeslot of the IOM®-2 interface. This may be changed with
the appropriate software command to any 16-bit timeslot.
Input and output from/to the IOM®-2 bus is performed via
two FIFOs named audio input and audio output FIFO.
These FIFOs are implemented by firmware. Each FIFO is
able to store up to 297 16-bit samples.
BITS
NUMBER
OF BITS
DESCRIPTION
0 to 7
8
dummy bits (set to logic 1)
8 to 95
88
BN0 to BN87 in accordance
with
“GSM Rec. 05.02”
96 to 155
60
dummy bits (set to logic 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com