Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 78Page - NXP Semiconductors PCF5083 Datasheet HTML 79Page - NXP Semiconductors PCF5083 Datasheet HTML 80Page - NXP Semiconductors PCF5083 Datasheet HTML 81Page - NXP Semiconductors PCF5083 Datasheet HTML 82Page - NXP Semiconductors PCF5083 Datasheet HTML 83Page - NXP Semiconductors PCF5083 Datasheet HTML 84Page - NXP Semiconductors PCF5083 Datasheet HTML 85Page - NXP Semiconductors PCF5083 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 136 page
background image
1996 Oct 29
82
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
MP_read_bbd_in_fifo
ABS(n_samples) I and Q pairs are copied from the baseband digitizer
(BBD) input FIFO to the buffer determined by buff_id located in the DSP
data RAM. If n_samples is greater than zero the de-rotating and offset
compensation is performed while copying. Otherwise no further processing
is performed. The procedure waits until the FIFO contains sufficient data. In
the event of time_out occurring (10 ms), an ERROR message is sent to the
SC.
47
buff_id
n_samples
MP_read_bbd_in_fifo_init
Initialization of MP_read_bbd_in_fifo. The offset values i_offset and
q_offset are subtracted from the I and Q components during succeeding
calls of MP_read_bbd_in_fifo.
58
i_offset
q_offset
MP_read_data_frame
This procedure reads an uplink data frame consisting of framelength
(typically 160) words from the audio input FIFO. The format of the uplink
data frame is described in Section 9.1.5.3. The user data block is extracted
and copied to SCRATCH_BUFF.
If the control data block is not empty, the procedure returns the packed
control bytes to the SC. The packing method used is most significant bytes
first (big endian, 68000 compatible).
The procedure waits for timeout
× 100 µs for the data frame. If time-out
occurs TIMEOUT_AUDIO_IN_FIFO error message is automatically sent to
the SC.
76
user_buff_id
framelength
timeout
n_words
n_user_bytes
n_ctrl_bytes
ctrl_bytes[ ]
MP_set_side_tone
The DSP automatically adds the attenuated microphone input signal to the
loudspeaker output signal, whereby the 3 LSBs remain unchanged (see
Section 9.1.4). The attenuation to be used is described in Table 61.
31
att
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com