Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 24Page - NXP Semiconductors PCF5083 Datasheet HTML 25Page - NXP Semiconductors PCF5083 Datasheet HTML 26Page - NXP Semiconductors PCF5083 Datasheet HTML 27Page - NXP Semiconductors PCF5083 Datasheet HTML 28Page - NXP Semiconductors PCF5083 Datasheet HTML 29Page - NXP Semiconductors PCF5083 Datasheet HTML 30Page - NXP Semiconductors PCF5083 Datasheet HTML 31Page - NXP Semiconductors PCF5083 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 136 page
background image
1996 Oct 29
28
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.3.2.8
Timing modes Application Examples
Table 14 Timing mode applications
Note
1. The SYNC burst location is defined by MONSTART_REG. If a timing is required with s = MONSTART_REG
≥ 5000,
MONSTART_REG is programmed with s mod 5000 and the second alternative is used.
FRAME
43
2
1
0
BIT ASSIGNMENT;
REGISTER MODE_REG
SEND
RECON RECMON RECTX
RECRX
ACTION
BCCH Detection
N
0
1
0
0
0
Receiver on at the start of timeslot 0
(MONSTART_REG = 0) in TDMA frame N + 1.
Receiver on.
N + 1 to N + M
0
0
0
0
0
Keep receiver on.
N + 1 + M
0
0
1
0
0
Receiver off after number of samples defined
by MONSTART_REG, RXLENGTHx_REG and
number of TDMA frames M.
Frequency Estimation
X
0
0
0
0
1
Receive during TS0.
Frame with RX, TX, MON
X
1
0
1
0
1
Receive during RX, MON, transmit during TX.
Frame before idle frame (monitoring)
I-1
1
1
0
0
1
Receive during RX, transmit during TX, receiver
on defined by MONSTART_REG.
Idle frame (monitoring)
I
0
0
1
0
0
Receiver off defined by MONSTART_REG and
RXLENGTHx_REG.
Frame with RX, TX, MON
I-1
or(1)
1
0
1
0
1
Receive during RX, MON, transmit during T.
I-1
1
0
0
0
1
Receive during RX, transmit during TX.
Idle frame (SYNC burst reading)
I
or(1)
0
0
0
0
0
No operation.
I
0
0
1
0
0
Receive during MON.
Three level measurements
X
0
0
1
1
1
Receive during RX, TX and MON slot.
Send access burst
X
1
0
0
0
0
Transmit during TX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com