Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 36Page - NXP Semiconductors PCF5083 Datasheet HTML 37Page - NXP Semiconductors PCF5083 Datasheet HTML 38Page - NXP Semiconductors PCF5083 Datasheet HTML 39Page - NXP Semiconductors PCF5083 Datasheet HTML 40Page - NXP Semiconductors PCF5083 Datasheet HTML 41Page - NXP Semiconductors PCF5083 Datasheet HTML 42Page - NXP Semiconductors PCF5083 Datasheet HTML 43Page - NXP Semiconductors PCF5083 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 136 page
background image
1996 Oct 29
40
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8.5.4
MONITOR CHANNEL RECEIVER PROTOCOL
• After IOMCON_REG[MASTERx_EN] is set to a logic 1,
the receiver state machine is in an idle state and waits
for the first byte transmission. The input buffer full flag
MONx_IBF is cleared. The MR flag is sent as a logic 1
in accordance with the IOM®-2 specification.
• After the reception of a data byte the MONx_IBF flag is
set and the System Controller may read the data from
MONx_REG.
• A full handshake is implemented in accordance with
IOM®-2 specification. The receiver may delay the data
transmission if the input buffer is full and the System
Controller does not read the buffer in time. In this case
MR = 0 is maintained until MONx_REG is read. The
MONx_IBF flag is cleared with the data read access.
The transmitter may delay the data transmission if it
delays the next byte valid indication. In this case MR = 0
is maintained in subsequent frames.
• If an end of transmission is detected the receiver state
machine gets into the idle state. The REOMx flag in
IOMCTRL_REG is set. REOMx = 1 also asserts the
IOM®-2 interrupt (IOMx_IBF_EN is used as enable bit)
to indicate the end of transmission to the System
Controller. The REOMx flag is cleared with a dummy
read of MONx_REG.
• To send an abort request the TABORTx flag in
IOMCTRL_REG is set. The receiver state machine
enters the idle state. The TABORTx flag is reset after the
procedure.
Time-outs are not detected. Collision detection and the
maximum speed case is not supported.
8.5.5
COMMAND/INDICATION CHANNEL TRANSMITTER
All data words are sent at least in two subsequent frames.
If the transmitter runs out of data the last data word is
repeated. The flags CI0(1)_IBF and CI0(1)_OBE are
provided to indicate the input/output register status.
8.5.6
COMMAND/INDICATION CHANNEL RECEIVER
If the received data is different from the data input buffer
the new data pattern is loaded into the data input buffer.
The CI0(1)_IBF flag is cleared if it is set. If during the next
frame the received data is identical to the data stored in the
data input buffer the buffer contents is considered valid
and the CI0(1)_IBF flag is set. The System Controller now
has to fetch the data within the next 125
µs, otherwise data
might be lost.
8.5.7
AUDIO INTERFACE
The Audio Interface provides the translation of one 16-bit
IOM®-2 timeslot into a timing according to Chapter 16 for
the receive and transmit direction. The operation of the
interface is configurable with the flags of register
ACON_REG. The Audio Interface is enabled or disabled
under control of the DSP core with IO1/AEN = 1.
Otherwise the data word 00H is sent in both directions.
With ACON_REG[TRANS_EN] = 1, a transparent mode is
selected. In this mode the internal IOM®-2 signals FSC
and DCL are directly connected to ACLK and AFS. ADI is
directly connected to A_OUT or B_OUT and ADO to A_IN
or B_IN.
The following should be noted:
• The flags in register ACON_REG should only be
changed when the Audio Interface is disabled with
IO1/AEN = 0
• The Audio Interface can only operate in the transparent
mode if a timing mode is selected which results in only
one 16-bit timeslot on the IOM®-2 side
• The frequency of ACLK must be chosen such that the
complete transmission of a 16-bit word via the Audio
Interface does not exceed the duration of N-1 timeslots,
with N equal to the number of 16-bit timeslots on the
IOM®-2 side
• Jitter is not allowed on AFS and ACLK as audio data
might get corrupted.
Table 25 Audio Interface configuration register (ACON_REG)
BIT
FLAG
OPERATION (if bit is set)
0
TX_EN
Enable transmit direction (ADI to IOM®-2).
1
TX_DEST
Select output to IOM®-2. A logic 0 selects A_OUT; a logic 1 selects B_OUT.
2
RX_EN
Enable receive direction (IOM®-2 to ADO).
3
RX_SOURCE
Select input from IOM®-2. A logic 0 selects A_IN; a logic 1 selects B_IN.
4 to 7
TX_SLOT0 to TX_SLOT3
IOM®-2 timeslot translated from the transmit section (0 to 15).
8 to 11
RX_SLOT0 to RX_SLOT3
IOM®-2 timeslot translated from the receive section (0 to 15).
12
TRANS_EN
Enable transparent mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com