Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 80Page - NXP Semiconductors PCF5083 Datasheet HTML 81Page - NXP Semiconductors PCF5083 Datasheet HTML 82Page - NXP Semiconductors PCF5083 Datasheet HTML 83Page - NXP Semiconductors PCF5083 Datasheet HTML 84Page - NXP Semiconductors PCF5083 Datasheet HTML 85Page - NXP Semiconductors PCF5083 Datasheet HTML 86Page - NXP Semiconductors PCF5083 Datasheet HTML 87Page - NXP Semiconductors PCF5083 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 136 page
background image
1996 Oct 29
84
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
SP_decoder_TCHFS
GSM full-rate speech decoder as defined in
“GSM Rec. 06.01, 06.10, 06.11, 06.12, 06.31 and 06.32”. The following
tasks are performed:
Speech decoding algorithm.
Frame repetition and muting, in the event of a Bad Frame Indication (BFI)
and/or bad receive quality.
SID frame detection and Comfort Noise Insertion (CNI) in the event of
discontinuous transmission (DTX).
Integrated handsfree algorithm using a weighting balance and comfort
noise insertion.
The speech parameters in SCRATCH_BUFF are decoded. The audio
output data (see Table 32) is returned in SCRATCH_BUFF.
The three input parameters determine the operating mode of the speech
decoder. The dl_dtx_flag enables DTX in down link when set. Note that the
dl_dtx_flag should always be set to 1 except for test purposes.
The operation_mode consists of 3 fields: TMODE, HF and ATT. These
fields are shown in Table 62.
The TMODE field is copied to the audio output data (bits TM0 to TM2
according to Table 36) in accordance with
“GSM recommendation 11.10,
section III.1.2.4.7”. TMODE can take the following values:
TMODE = 0; normal operation.
TMODE = 1; test of speech decoder. In this test mode an automatic reset of
the internal state variables is performed if a rising edge of the RESD bit
contained in the audio input data (defined in Table 36) is detected.
TMODE = 2; test of speech encoder.
TMODE = 4; test of acoustic devices.
The HF fields enables (HF = 1) or disables (HF = 0) the handsfree mode of
the speech codec.
The ATT field has only a meaning in handsfree mode. It informs the
handsfree program about the attenuation between loudspeaker an
microphone in 3 dB steps. ATT = 0 means 0 dB, ATT = 7 means 21 dB. For
proper operation the ATT field has to be adjusted according to the volume
control of the loudspeaker. The arrangement of loudspeaker and
microphone has to be such that the attenuation at maximum volume level
does not exceed 0 dB.
The binary taf (time alignment flag) marks with taf = 1 those traffic frames
that are aligned with the SACCH multiframe structure defined in
“GSM Rec. 05.08”.
51
dtx_flag
taf
operation_mode
DESCRIPTION
ID
PARAMETERS
RETURN
VALUES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com