Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 100 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 100 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 96Page - NXP Semiconductors PCF5083 Datasheet HTML 97Page - NXP Semiconductors PCF5083 Datasheet HTML 98Page - NXP Semiconductors PCF5083 Datasheet HTML 99Page - NXP Semiconductors PCF5083 Datasheet HTML 100Page - NXP Semiconductors PCF5083 Datasheet HTML 101Page - NXP Semiconductors PCF5083 Datasheet HTML 102Page - NXP Semiconductors PCF5083 Datasheet HTML 103Page - NXP Semiconductors PCF5083 Datasheet HTML 104Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 136 page
background image
1996 Oct 29
100
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
13
GPON2_REG
6
W
Time of GPON2 getting active in TDMA frames before the end
of the Sleep mode
14
reserved
−−
−
15
DSPON_REG
6
W
Time of DSPON getting active in TDMA frames before the end
of the Sleep mode
16
REFON_REG
6
W
Time of (N)REFON getting active in TDMA frames before the
end of the Sleep mode
17
PDRX1_REG
5
W
Time of PDRX1 getting active in 32 QB before RXON active
18
PDRX2_REG
5
W
Time of PDRX2 getting active in 32 QB before RXON active
19
PDTX1_REG
W
Time of PDTX1 getting active in 32 QB before TXON active
1A
PDTX2_REG
W
Time of NPDTX2 getting active in 32 QB before TXON active
1B
PDBIAS_REG
W
Time of PDBIAS getting active in 32 QB before TXON active
1C
PDSYN_REG
W
Time of PDSYN getting active in 32 QB before RXON/TXON
active
1D
AGCSTART_REG
W
Time of DACON_REG to be sent in 32 QB before RXON active
1E
PDDELAY_REG
6
W
PDTX1, NPDTX2 and PDSYN inactive to TXKEY1 inactive
delay in QB
1F
KEYOFF_REG
6
W
TXKEY2 inactive to TXKEY1 inactive delay in QB
20, 21
KEYON2_REG
9
W
TXKEY2 active to TXON active delay in QB
22, 23
KEYON1_REG
9
W
TXKEY1 active to TXON active delay in QB
24, 25
POL_REG
14
R/W
Polarity of Power-Down Control Lines; see Table 79
26, 27
MASK_REG
15
R/W
Bit mask register for Power-Down Control Lines; see Table 80
28
QBCCTRL_REG
8
R/W
Quarterbit counter control register; see Table 81
29
SQBCINC_REG
8
R
Sleep quarterbit counter increment
STOP_REG
8
W
Stop OFF-Timer with data value A5H
2A, 2B
QBC_REG
15
R
QBC access for synchronization
13
W
R: read 15-bit quarterbit counter (1
⁄4 QB resolution)
W: write 13-bit synchronization value (1 QB resolution)
2C, 2D
SLEEPCNT_REG
9
W
Number of TDMA frames to sleep
FRAMECNT_REG
9
R
Duration of last Sleep mode period in TDMA frames
2E, 2F
HWCTRL_REG
11
R/W
Hardware Control Register; see Table 82
30 to 3F
−−
R/W
Real Time Clock registers; see Table 83
3E
reserved
−−
−
3F to 41
RX_REG
17
W
RF Bus: RX frequency
42
reserved
−−
−
43 to 45
TX_REG
17
W
RF Bus: TX frequency
46
reserved
−−
−
47. to 49
MON_REG
17
W
RF Bus: MON frequency
4A
reserved
−−
−
4B to 4D
RXGAIN_REG
18
W
RF Bus: RX gain
4E
reserved
−−
−
4F to 51
TXGAIN_REG
18
W
RF Bus: Gain setting for a MON burst during the TX timeslot
OFFSET
REGISTER
SIZE
R/W(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com