Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 102 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 98Page - NXP Semiconductors PCF5083 Datasheet HTML 99Page - NXP Semiconductors PCF5083 Datasheet HTML 100Page - NXP Semiconductors PCF5083 Datasheet HTML 101Page - NXP Semiconductors PCF5083 Datasheet HTML 102Page - NXP Semiconductors PCF5083 Datasheet HTML 103Page - NXP Semiconductors PCF5083 Datasheet HTML 104Page - NXP Semiconductors PCF5083 Datasheet HTML 105Page - NXP Semiconductors PCF5083 Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 136 page
background image
1996 Oct 29
102
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
Table 78 Mode Control Registers 0 and 1
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’ denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
Table 79 Polarity Register (Power-Down Control Lines)
Note
1. RSTx = 0 means reset condition if either RSTO or RSTC is asserted; ‘
−’denotes not affected from reset line.
During reset (RST, RSTO, RSTC) only those registers with an explicitly given reset value are affected. All other
registers are undefined and have to be set by the controller.
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
RECRX
Generate the Rx burst timing
0
−
1
R/W
RECTX
Generate the MON burst timing during the TX timeslot
0
−
2
R/W
RECMON
Generate the MON burst timing
0
−
3
R/W
RECON
Generate the idle frame timing
0
−
4
R/W
SEND
Generate the TX burst timing
0
−
5
R/W
DTX
Enable DTX mode
0
−
6
R/W
RXLENGTH0
Select RXLENGTHx_REG for the Rx burst
0
−
7
R/W
RXLENGTH1
0
−
8
R/W
MONLENGTH0
Select RXLENGTHx_REG for the MON burst
0
−
9
R/W
MONLENGTH1
0
−
10
R/W
TXLENGTH
Select TXLENGTHx_REG for the TX burst
0
−
11
R/W
RXCAL
Generate the RX calibration timing
0
−
12
R/W
DISFRAMEINT
Disable the frame interrupt
0
−
13
R/W
USEMODE
Select MODEx_REG for the next frame
0
−
BIT
R/W
SYMBOL
OPERATION (if bit is set)
RST = 0
RSTx=0(1)
0
R/W
PDRX1
Enable line has default polarity if its corresponding bit
is a logic 0. Enable line has inverse default polarity if its
corresponding bit is a logic 1.
0
−
1
R/W
PDRX2
0
−
2
R/W
NPDTX2
0
−
3
R/W
PDSYN
0
−
4
R/W
TXKEY1
0
−
5
R/W
TXKEY2
0
−
6
R/W
RXON
0
−
7
R/W
TXON
0
−
8
R/W
BEN
0
−
9
R/W
GPON1
0
−
10
R/W
GPON2
0
−
11
R/W
REFON
0
−
12
R/W
DSPON
0
−
13
R/W
NREFON
0
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com