Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 39Page - NXP Semiconductors PCF5083 Datasheet HTML 40Page - NXP Semiconductors PCF5083 Datasheet HTML 41Page - NXP Semiconductors PCF5083 Datasheet HTML 42Page - NXP Semiconductors PCF5083 Datasheet HTML 43Page - NXP Semiconductors PCF5083 Datasheet HTML 44Page - NXP Semiconductors PCF5083 Datasheet HTML 45Page - NXP Semiconductors PCF5083 Datasheet HTML 46Page - NXP Semiconductors PCF5083 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 136 page
background image
1996 Oct 29
43
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
9
DESCRIPTION OF THE DSP CORE
9.1
Interface description
9.1.1
BASEBAND DIGITIZER INTERFACE
The PCF5083 serial input port SIX is used for the reception
of off-air data from the baseband digitizer PCF5072 (BBD).
The port consists of:
• Serial Input Data signal (SIXD), containing 16I and 16Q
data bits, MSB first
• Serial Input Clock signal (SIXCLK), running at 13 MHz
• Serial Input Enable signal (SIXEN), active LOW.
Regularly spaced I and Q samples are sent to the DSP
with a periodicity of 1/(2 270.833 kHz); (twice the GSM bit
period). The number of incoming samples expected by the
DSP depends upon the current status in which the DSP is
operating (see Table 27).
The column START OF SAMPLING indicates in which
time slot (1 time slot = 1/8 TDMA frame = 577
µs) the
sampling of the I and Q pairs has to start.
Time slots are numbered from 0 to 7, whereby slot 0 is
defined as the receive time slot of the mobile station (see
Section 8.3.2.1).
Each I/Q component pair is represented by two 16-bit
two’s complement numbers, as shown in Table 28, with
one sign bit (I15 and Q15) and 15 fractional bits. The range
for the I and Q components is specified below.
Range:
−1.0 ≤ I,Q < +1.0
It should be noted that due to the limited SNR of the
PCF5072 of 66 dB, only the 11 MSBs of I and Q contain
meaningful data.
The I and Q components are defined as follows:
I = f(A)
× cos Φ
Q = f(A)
× sin Φ
where A is the magnitude and
Φ is the phase of the
antenna input signal. The function f(A) describes the
characteristic of the AGC applied (see Fig.16).
Table 27 Time window for BBD output data
Note
1. The value 1404 for FCB search is the default value after reset. It can be changed by the FB_search_fcb_init
procedure.
Table 28 I and Q component format
OPERATION STATUS
START OF SAMPLING
NUMBER OF I AND Q PAIRS
Reception of a normal burst
TS 0
149
Reception of a synchronization burst
−
167
Reception of a normal burst
TS 0
167
Level measurement of neighbouring BCCH
TS 5
80
DC offset measurement
TS 5
128
FCB search
TS 6
1404(1) (9
× 156)
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
I
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
O
O15
O14
O13
O12
O11
O10
O9
O8
O7
O6
O5
O4
O3
O2
O1
O0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com