Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF5083 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF5083
Description  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF5083 Datasheet HTML 10Page - NXP Semiconductors PCF5083 Datasheet HTML 11Page - NXP Semiconductors PCF5083 Datasheet HTML 12Page - NXP Semiconductors PCF5083 Datasheet HTML 13Page - NXP Semiconductors PCF5083 Datasheet HTML 14Page - NXP Semiconductors PCF5083 Datasheet HTML 15Page - NXP Semiconductors PCF5083 Datasheet HTML 16Page - NXP Semiconductors PCF5083 Datasheet HTML 17Page - NXP Semiconductors PCF5083 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 136 page
background image
1996 Oct 29
14
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
8
FUNCTIONAL DESCRIPTION TIMER CORE
8.1
Clock generator
The Clock Generator consists of a low swing input buffer
for the 13 MHz reference clock, a PLL as frequency
multiplier and a 32.768 kHz crystal oscillator. The PLL
generates 13 MHz, 39 MHz and 52 MHz from the 13 MHz
reference clock. The PLL reset input RSTP is used to bring
the PLL into a low-power state when set to a LOW level.
The 13 MHz reference clock is AC coupled to input CKI.
CKI is a reduced swing input which requires a signal in the
range of 0.7 V(p-p) (worst case) for operation. The clock
signal is amplified and used as the input clock for the PLL.
The Timer core is either clocked with the 13 MHz
reference clock or the 13 MHz PLL output. The clock
source is selected with input CLKSEL as shown in Table 1.
Table 1
Timer Core clock selection
CLKSEL
TIMER CORE CLOCK
0
PLL output
1
buffered CKI input
Using the PLL output reduces the tolerance requirements
for the duty cycle of the reference clock.
The DSP core will function with the 39 MHz PLL clock or
the clock supplied from DCLK. The clock source is
selected with the flags in SYSCON_REG; see Tables 2
and 3. Within the DSP core the selected clock is first
halved before use. The 52 MHz PLL is register selectable
for future applications but should not be used in the current
implementation of this device
The inverting buffer stage between CLK32I and CLK32O,
together with an external crystal network generates a
32.768 kHz clock for the Timer Core. This clock is used for
the real time clock, the ON/OFF logic etc.
The internal 13 MHz, 19.5 MHz and 2b/2c: 32.768 kHz/
3: 26 MHz clocks are externally available for other system
components, e.g. the microcontroller. All clock outputs can
be disabled if they are not used to reduce the power
consumption.
Table 2
System Configuration Register (SYSCON); note 1
Note
1. Default value after reset 0X00 0000b (x: LOCK is undefined).
2. Versions PCF5083-2b and PCF5083-2c only.
3. PCF5083-3 only.
BIT
FLAG
R/W
DESCRIPTION
7
−−
Reserved
6
LOCK
R
PLL lock select. If LOCK = 0; then PLL in lock. If LOCK = 1; then PLL out of
lock.
5
RS232_CLK
W
RS232 interface clock source. If RS232_CLK = 0; then the 13 MHz Timer
clock is used. If RS232_CLK = 1; then the RS232 clock is supplied via the ADI
pin (pin 125).
4
DSP_CLK1
W
DSP clock select. This two bits select the DSP clock frequency; see Table 3.
3
DSP_CLK0
W
2
CLK32K(2)
W
CLK32K output enable/disable. If CLK32K = 0; then the CLK32K output is
enabled. If CLK32K = 1; then the CLK32K output is disabled.
CLK26M(3)
CLK26M output enable/disable. If CLK26M = 0; then the CLK26M output is
enabled. If CLK26M = 1; then the CLK26M output is disabled.
1
CLK20M
W
CLK20M output enable/disable. If CLK20M = 0; then the CLK20M output is
enabled. If CLK20M = 1; then the CLK20M output is disabled.
0
CLK13M
W
CLK13M output enable/disable. If CLK13M = 0; then the CLK13M output is
enabled. If CLK13M = 1; then the CLK13M output is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com