Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8558 Datasheet (PDF) - NXP Semiconductors

PCF8558 Datasheet PDF - NXP Semiconductors
Part # PCF8558
Download  PCF8558 Download
File Size   157.85 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal LCD driver for small graphic panels

PCF8558 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8558 Datasheet PDF - NXP Semiconductors

Part # PCF8558
Download  PCF8558 Click to download

File Size   157.85 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Universal LCD driver for small graphic panels

PCF8558 Datasheet (HTML) - NXP Semiconductors


PCF8558 Product details

GENERAL DESCRIPTION

The PCF8558 is a low power CMOS LCD controller driver, designed to drive a graphic display of 40 rows and 101 columns. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD bias voltages, resulting in a minimum of external components and lower power consumption.

The PCF8558 interfaces to most microcontrollers via a I2C-bus interface.



FEATURES

• Single-chip LCD controller/driver

• 40 row and 101 column outputs

• Display data RAM

  40×101 bits = 505 bytes = 4040 bits

• On-chip:

– Generation of intermediate LCD bias voltages

– Oscillator requires no external components(external clock also possible)

• 400 kHz fast I2C-bus interface

• CMOS compatible

• MUX rate 1 : 40

• Logic supply voltage range VDD−VSS= 2.5 to 6 V

• Display supply voltage range VDD−VLCD= 3.5 to 9 V

• Low power consumption, suitable for battery operated systems.




Similar Part No. - PCF8558

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8551 NXP-PCF8551 Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8551ATT/A NXP-PCF8551ATT/A Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8551ATT/AJ NXP-PCF8551ATT/AJ Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8551ATT/AY NXP-PCF8551ATT/AY Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8551BTT/A NXP-PCF8551BTT/A Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
More results


Similar Description - PCF8558

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JBT6K47-AS TOSHIBA-JBT6K47-AS Datasheet
231Kb / 22P
Source Driver for TFT LCD Panels
JBT6L77-AS TOSHIBA-JBT6L77-AS Datasheet
222Kb / 20P
Source Driver for TFT LCD Panels
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
Gate Driver for TFT LCD Panels
logo
Rohm
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com