Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8558 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8558
Description  Universal LCD driver for small graphic panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8558 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8558 Datasheet HTML 1Page - NXP Semiconductors PCF8558 Datasheet HTML 2Page - NXP Semiconductors PCF8558 Datasheet HTML 3Page - NXP Semiconductors PCF8558 Datasheet HTML 4Page - NXP Semiconductors PCF8558 Datasheet HTML 5Page - NXP Semiconductors PCF8558 Datasheet HTML 6Page - NXP Semiconductors PCF8558 Datasheet HTML 7Page - NXP Semiconductors PCF8558 Datasheet HTML 8Page - NXP Semiconductors PCF8558 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
1998 Apr 07
5
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic
panels
PCF8558
FUNCTIONAL DESCRIPTION
LCD bias voltage generator
The intermediate bias voltages for the LCD display are
generated and buffered on-chip. This removes the need
for an external resistor bias chain and significantly reduces
the system power consumption.
Oscillator
The on-chip oscillator provides the clock signal for the
display system. No external components are required and
the OSC pin must be connected to VDD.
External clock
If an external clock is to be used it is input at the OSC pin.
The resulting display frame frequency is given by
.
Only in the power-down state is the clock allowed to be
stopped (OSC connected to VSS), otherwise the LCD will
be frozen in a state where a DC voltage is applied to it.
Power-on reset
The on-chip power-on reset block initializes the chip after
power-on or power failure. This is a synchronous reset and
requires 2 oscillator cycles to execute. These oscillator
cycles must be provided from the external clock source if
the internal oscillator is not used. If this is not done, the
device may not respond to command sequences
transmitted via the I2C-bus interface.
Power-down
The chip can be put into power-down mode where all static
currents are switched off (no internal oscillator, no internal
power-on reset, no bias level generation and all LCD
outputs are internally connected to VDD) when
PD = logic 1.
During power-down the information in the RAMs and the
internal chip states are preserved. Instruction execution
during power-down is possible if an externally clock signal
is applied to pad OSC.
Registers
The PCF8558 has one 8-bit register, time shared as a
Command Register (CR) and a Data Register (DR).
The command register stores the command code such as
display on or display off and address information for the
f
frame
f
OSC
3072
-------------
=
Display Data RAM (DDRAM). Both registers can be written
to but not read from by the system controller.
Address Counter (AC)
The address counter assigns addresses to the DDRAM for
writing and is set by Y2 to Y0 in the command and
X6 to X0 in the address. After a write operation the
address counter is automatically incremented by 1 in
accordance with the V flag.
Display Data RAM (DDRAM)
The PCF8558 contains a 40
× 101-bit static RAM which
stores the display data. The RAM is divided into 5 banks of
101 bytes (5
× 8 × 101 bits). During RAM access, data is
transferred to the RAM via the I2C-bus. There is a direct
correspondence between the X address and the column
output number.
Timing generator
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not disturbed by operations on the data buses.
Display control
The display is generated by continuously shifting rows of
RAM data to the dot matrix LCD via the column outputs.
The display status (all dots on/off and normal/inverse
video) is set by bits E and D in the command word.
LCD row and column drivers
The PCF8558 contains 40 row and 101 column drivers,
which connect the appropriate LCD bias voltages in
sequence to the display in accordance with the data to be
displayed. Figure 3 illustrates typical waveforms. Unused
outputs should be left unconnected.
The bias voltage levels, V2 to V5, are chosen to give
optimum display contrast for a multiplex rate of 1 : 40.
Table 1
Voltage bias levels
LEVEL
VOLTAGE
V2
0.8635
× (V
DD − VLCD)
V3
0.7270
× (VDD − VLCD)
V4
0.2730
× (V
DD − VLCD)
V5
0.1365
× (V
DD − VLCD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com