Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8558 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8558
Description  Universal LCD driver for small graphic panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8558 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8558 Datasheet HTML 11Page - NXP Semiconductors PCF8558 Datasheet HTML 12Page - NXP Semiconductors PCF8558 Datasheet HTML 13Page - NXP Semiconductors PCF8558 Datasheet HTML 14Page - NXP Semiconductors PCF8558 Datasheet HTML 15Page - NXP Semiconductors PCF8558 Datasheet HTML 16Page - NXP Semiconductors PCF8558 Datasheet HTML 17Page - NXP Semiconductors PCF8558 Datasheet HTML 18Page - NXP Semiconductors PCF8558 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
1998 Apr 07
15
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic
panels
PCF8558
AC CHARACTERISTICS
All timing values are referenced to VIH and VIL levels with an input voltage swing of VSS to VDD. VDD = 2.5 to 6 V;
VSS =0V;VLCD =VDD − 3.5VtoVDD − 9V;Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. The rise and fall times specified here refer to the driver device (i.e. not PCF8558) and are part of the general fast
I2C-bus specification. However, when PCF8558 asserts an acknowledge on SDA, the fall time is given by parameter
tf. Cb = capacitive load per bus line.
2. The device inputs SDA and SCL are filtered and will reject spikes on the bus lines of width <tSW(max).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
fFR)
LCD frame frequency
(internal oscillator)
37
62.5
94
Hz
fOSC(ext)
external clock frequency
90
150
225
kHz
tPLCD
driver delays
VDD − VLCD =9V;
with test loads
−−
100
µs
I2C-bus (see Fig.12)
fSCL
SCL clock frequency
−−
400
kHz
tCLKL
SCL LOW time
1.3
−−µs
tCLKH
SCL HIGH time
0.6
−−µs
tBUF
bus free time
between successive STOP
and START conditions
1.3
−−µs
tr
SCL and SDA rise time
note 1
−−
300
ns
tf
SCL and SDA fall time
note 1
20 + 0.1Cb
−
300
ns
tSU;STA
START condition set-up time
repeated start codes only
0.6
−−µs
tHD;STA
START condition hold time
0.6
−−µs
tSU;DAT
data set-up time
100
−−
ns
tHD;DAT
data hold time
0
−−
ns
tSU;STO
STOP condition set-up time
0.6
−−µs
tSW
tolerable spike width on bus
note 2
−−
50
ns
Cb
capacitive load per bus line
−−
400
pF
Fig.11 AC test loads.
handbook, full pagewidth
MGG564
1.5 k
Ω
VDD
SDA
1 nF
R1 to R40,
C1 to C101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com