Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8558 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8558
Description  Universal LCD driver for small graphic panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8558 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8558 Datasheet HTML 9Page - NXP Semiconductors PCF8558 Datasheet HTML 10Page - NXP Semiconductors PCF8558 Datasheet HTML 11Page - NXP Semiconductors PCF8558 Datasheet HTML 12Page - NXP Semiconductors PCF8558 Datasheet HTML 13Page - NXP Semiconductors PCF8558 Datasheet HTML 14Page - NXP Semiconductors PCF8558 Datasheet HTML 15Page - NXP Semiconductors PCF8558 Datasheet HTML 16Page - NXP Semiconductors PCF8558 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1998 Apr 07
13
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic
panels
PCF8558
The general characteristics and detailed specification of the I2C-bus are available on request (order number 9398 393 40011).
handbook, full pagewidth
MBC602
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
SCL FROM
MASTER
Fig.10 Acknowledgment on the I2C-bus.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe it is
desirable to take normal precautions appropriate to handling MOS devices.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+8.0
V
VLCD
LCD supply voltage
VDD − 11
VDD
V
Vi1
input voltage T1, T3, SA0 and OSC
VSS − 0.5
VDD + 0.5
V
Vi2
input voltage SDA and SCL
VSS − 0.5
8.0
V
Vo1
output voltage T2 and SDA
VSS − 0.5
VDD + 0.5
V
Vo2
output voltage R1 to R40 and C1 to C101
VLCD − 0.5 VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
IDD, ISS, ILCD
VDD, VSS or VLCD current
−50
+50
mA
Ptot
power dissipation per package
400
mW
Po
power dissipation per output
100
mW
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com