Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8558 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCF8558
Description  Universal LCD driver for small graphic panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8558 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCF8558 Datasheet HTML 14Page - NXP Semiconductors PCF8558 Datasheet HTML 15Page - NXP Semiconductors PCF8558 Datasheet HTML 16Page - NXP Semiconductors PCF8558 Datasheet HTML 17Page - NXP Semiconductors PCF8558 Datasheet HTML 18Page - NXP Semiconductors PCF8558 Datasheet HTML 19Page - NXP Semiconductors PCF8558 Datasheet HTML 20Page - NXP Semiconductors PCF8558 Datasheet HTML 21Page - NXP Semiconductors PCF8558 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1998 Apr 07
18
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic
panels
PCF8558
CHIP INFORMATION
The PCF8558 is manufactured in p-well CMOS
technology. VDD − VLCD is positive. The chip substrate is
connected to VDD.
Bonding pads
Pad pitch
100
µm
Pad size, aluminium
80
× 120
µm
Bump dimensions
59
× 99 × 15
µm
Wafer thickness
381
µm
Fig.14 Application, display size 40
× 101 pixels.
handbook, halfpage
MGG566
DISPLAY 40
× 101
PCF8558
supply, I/O
8
101
20
20
Fig.15 Bonding pads.
handbook, halfpage
MGG567
4 mm
pitch
PCF8558
9 mm
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com