Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8558 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8558
Description  Universal LCD driver for small graphic panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8558 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8558 Datasheet HTML 1Page - NXP Semiconductors PCF8558 Datasheet HTML 2Page - NXP Semiconductors PCF8558 Datasheet HTML 3Page - NXP Semiconductors PCF8558 Datasheet HTML 4Page - NXP Semiconductors PCF8558 Datasheet HTML 5Page - NXP Semiconductors PCF8558 Datasheet HTML 6Page - NXP Semiconductors PCF8558 Datasheet HTML 7Page - NXP Semiconductors PCF8558 Datasheet HTML 8Page - NXP Semiconductors PCF8558 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1998 Apr 07
2
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic
panels
PCF8558
FEATURES
• Single-chip LCD controller/driver
• 40 row and 101 column outputs
• Display data RAM
40
× 101 bits = 505 bytes = 4040 bits
• On-chip:
– Generation of intermediate LCD bias voltages
– Oscillator requires no external components
(external clock also possible)
• 400 kHz fast I2C-bus interface
• CMOS compatible
• MUX rate 1 : 40
• Logic supply voltage range VDD − VSS = 2.5 to 6 V
• Display supply voltage range VDD − VLCD = 3.5 to 9 V
• Low power consumption, suitable for battery operated
systems.
APPLICATIONS
• Telecom equipment
• Portable instruments
• Point of sale terminals
• Alarm systems.
GENERAL DESCRIPTION
The PCF8558 is a low power CMOS LCD controller driver,
designed to drive a graphic display of 40 rows and
101 columns. All necessary functions for the display are
provided in a single chip, including on-chip generation of
LCD bias voltages, resulting in a minimum of external
components and lower power consumption.
The PCF8558 interfaces to most microcontrollers via a
I2C-bus interface.
ORDERING INFORMATION
Note
1. For further details see Chapter “Bonding pad locations”.
TYPE
NUMBER
PACKAGE(1)
NAME
DESCRIPTION
VERSION
PCF8558U/10
−
chip on FFC
−
PCF8558U/12
−
chip with bumps on FFC
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com