Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8558 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8558
Description  Universal LCD driver for small graphic panels
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8558 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8558 Datasheet HTML 1Page - NXP Semiconductors PCF8558 Datasheet HTML 2Page - NXP Semiconductors PCF8558 Datasheet HTML 3Page - NXP Semiconductors PCF8558 Datasheet HTML 4Page - NXP Semiconductors PCF8558 Datasheet HTML 5Page - NXP Semiconductors PCF8558 Datasheet HTML 6Page - NXP Semiconductors PCF8558 Datasheet HTML 7Page - NXP Semiconductors PCF8558 Datasheet HTML 8Page - NXP Semiconductors PCF8558 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1998 Apr 07
4
Philips Semiconductors
Objective specification
Universal LCD driver for small graphic
panels
PCF8558
PINNING
SYMBOL
PAD
DESCRIPTION
SCL
1
I2C-bus serial clock input
R20 to R1
2 to 21
LCD row driver data outputs
C101 to C1
22 to 122
LCD column driver data outputs
R21 to R40
123 to 142
LCD row driver data outputs
T2
143
test pad output, must be left unconnected (not user accessible)
SDA
144
I2C-bus serial data input/output
VSS
145
ground
T1
146
test pad input, must be connected to VSS (not user accessible)
VLCD
147
negative supply voltage input
SA0
148
the LSB bit of the I2C-bus slave address input is set by connecting this pin to either
0(VSS) or 1 (VDD)
T3
149
test pad input, must be connected to VDD (not user accessible)
OSC
150
when the on-chip oscillator is used this pin must be connected to VDD; an external clock
signal, if used, is input at this pin
VDD
151
positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com