Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1047A Datasheet (PDF) - Belden Inc.

1047A Datasheet PDF - Belden Inc.
Part # 1047A
Download  1047A Download
File Size   154.51 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 50 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF TFN 90C Dry / 75C Wet

1047A Datasheet (PDF)

Go To PDF Page Download Datasheet
1047A Datasheet PDF - Belden Inc.

Part # 1047A
Download  1047A Click to download

File Size   154.51 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 50 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF TFN 90C Dry / 75C Wet

1047A Datasheet (HTML) - Belden Inc.


1047A Product details

Product Description
UL Instrumentation, 50 Pair 16AWG (7x24) Bare Copper, PVC-NYL Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
600V TC-ER 150V NPLF TFN 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 1047A

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1047 KEYSTONE-1047 Datasheet
122Kb / 1P
SOLDER TAIL DUAL BATTERY HOLDER
12.08.14
1047 KEYSTONE-1047 Datasheet
306Kb / 1P
“18650” LITHIUM-ION BATTERY HOLDERS
31-07 20th
logo
Aptiv
1047 0,35 / 15366022 APTIV-1047 0,35 / 15366022 Datasheet
149Kb / 12P
Crimp Information Sheet
2014-03-04
logo
List of Unclassifed Man...
10470 ETC-10470 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10470 HEYCO-10470 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
More results


Similar Description - 1047A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
62P1812 BELDEN-62P1812 Datasheet
153Kb / 2P
Inst, 12 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1039A BELDEN-1039A Datasheet
157Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1044A BELDEN-1044A Datasheet
155Kb / 2P
Inst, 20 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1054A BELDEN-1054A Datasheet
155Kb / 2P
Inst, 36 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62P1824 BELDEN-62P1824 Datasheet
153Kb / 2P
Inst, 24 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1052A BELDEN-1052A Datasheet
207Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1067A BELDEN-1067A Datasheet
158Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
1089A BELDEN-1089A Datasheet
161Kb / 2P
Inst, 36 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62P1624 BELDEN-62P1624 Datasheet
214Kb / 2P
Inst PVC/PVC, 24 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt,TC-ER NPLF 90C Dry 75C Wet
04-28-2023
62P1816 BELDEN-62P1816 Datasheet
152Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com