Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC1006 Datasheet (PDF) - Qorvo, Inc

QPC1006 Datasheet PDF - Qorvo, Inc
Part # QPC1006
Download  QPC1006 Download
File Size   724.9 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 0.15 – 2.8 GHz High Power GaN SP3T Switch

QPC1006 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC1006 Datasheet PDF - Qorvo, Inc

Part # QPC1006
Download  QPC1006 Click to download

File Size   724.9 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 0.15 – 2.8 GHz High Power GaN SP3T Switch

QPC1006 Datasheet (HTML) - Qorvo, Inc


QPC1006 Product details

Key Features
• SP3T
• Frequency Range: 0.15 to 2.8 GHz
• Input Power: 50 W
• Insertion Loss: < 1.0 dB
• Isolation: >30 dB Typical
• Switching Speed: 50 ns
• Control Voltages: 0 V/−40 V
• Package Dimensions: 4 x 4 x 0.85 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots
for more details.




Similar Part No. - QPC1006

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC1006 TRIQUINT-QPC1006 Datasheet
827Kb / 17P
0.15 ??2.8 GHz High Power GaN SP3T Switch
QPC1006EVB TRIQUINT-QPC1006EVB Datasheet
827Kb / 17P
0.15 ??2.8 GHz High Power GaN SP3T Switch
More results


Similar Description - QPC1006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
MASWSS0100 MACOM-MASWSS0100 Datasheet
103Kb / 3P
GaAs SP3T 2.5 V High Power Switch 0.1 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
logo
TriQuint Semiconductor
TGS2355 TRIQUINT-TGS2355_15 Datasheet
709Kb / 12P
0.5-6 GHz High Power GaN Switch
QPC1005 TRIQUINT-QPC1005 Datasheet
867Kb / 16P
0.15 ??2.8 GHz High Power GaN SPDT Switch
QPC1006 TRIQUINT-QPC1006 Datasheet
827Kb / 17P
0.15 ??2.8 GHz High Power GaN SP3T Switch
logo
Qorvo, Inc
QPA1027 QORVO-QPA1027 Datasheet
790Kb / 23P
2.8 ??3.5 GHz 60 W GaN Power Amplifier
QPA1000 QORVO-QPA1000 Datasheet
1,017Kb / 14P
2.8 ??3.2 GHz 50 Watt GaN Amplifier
April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com