Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-009359 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-009359 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-009359
Download  MASW-009359 Download
File Size   196.25 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Broadband High Power SP3T Switch DC - 4.0 GHz

MASW-009359 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-009359 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-009359
Download  MASW-009359 Click to download

File Size   196.25 Kbytes
Page   5 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs Broadband High Power SP3T Switch DC - 4.0 GHz

MASW-009359 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-009359 Product details

Description
M/A-COM’s MASW-009359 is an industry leading GaAs PHEMT MMIC single pole three throw (SP3T) CDMA-GPS switch in a lead-free 2 mm 12-lead STQFN package with 0.4 mm lead pitch. The MASW-009359 is uniquely configured to enable switching from a common antenna port to CDMA cellular, CDMA PCS, or GPS ports. It is also ideal for other applications where a compact, high performance, symmetrical SP3T switch is required.

Features
• CDMA Handset Switching Applications
• Balanced (symmetrical) RF Ports
• Low Cross Modulation
• Low Insertion Loss: 0.55 dB @ 1 GHz
• High Isolation: 27 dB @ 1 GHz
• High Power: P0.1dB = 36 dBm @ 1 GHz
• 0.5 micron GaAs pHEMT Process
• Lead-Free 2 mm 12-Lead STQFN with 0.4 mm lead pitch package
• Halogen-Free "Green" Mold Compound
• RoHS* Compliant and 260°C Reflow Compatible




Similar Part No. - MASW-009359

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch
MASW-009359-001SMB MA-COM-MASW-009359-001SMB Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
MASW-009359-TR3000 MA-COM-MASW-009359-TR3000 Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
More results


Similar Description - MASW-009359

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0033 MACOM-MASWSS0033 Datasheet
241Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
SW-489 MACOM-SW-489 Datasheet
255Kb / 5P
GaAs SP3T 2.5V High Power Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
GaAs SP3T Switch DC - 3.5 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482_15 Datasheet
771Kb / 8P
GaAs Broadband High Power SP3T Switch
MASW-009276-001DIE MA-COM-MASW-009276-001DIE_15 Datasheet
889Kb / 6P
Bumped GaAs SP3T Switch for WLAN 1.0 - 4.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com