Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-008955 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MASW-008955 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MASW-008955
Download  MASW-008955 Download
File Size   135.18 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP3T Switch DC - 3.5 GHz

MASW-008955 Datasheet (PDF)

Go To PDF Page Download Datasheet
MASW-008955 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MASW-008955
Download  MASW-008955 Click to download

File Size   135.18 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description GaAs SP3T Switch DC - 3.5 GHz

MASW-008955 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MASW-008955 Product details

Description
M/A-COM‘s MASW-008955 is a GaAs pHEMT MMIC single pole three throw (SP3T) switch in a lead-free 2 mm 8-lead PDFN package. The MASW-008955 is ideally suited for applications where low control voltage, low insertion loss, high isolation, small size, and low cost are required.

Features
• Low Insertion Loss: 0.55 dB @ 2.45 GHz
• High P1dB: 35 dBm @ 2.6 V
• 0.5 micron GaAs pHEMT Process
• Lead-Free 2 mm 8-Lead PDFN Package
• Halogen-Free ―Green‖ Mold Compound
• 260°C Reflow Compatible
• Low gate lag for timing sensitive applications
• 1.8 V Operation with 1.8 V on Voltage Pull Up




Similar Part No. - MASW-008955

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-008955 MA-COM-MASW-008955 Datasheet
135Kb / 4P
GaAs SP3T Switch
MASW-008955-001SMB MA-COM-MASW-008955-001SMB Datasheet
642Kb / 5P
GaAs SP3T Switch
MASW-008955-TR1000 MA-COM-MASW-008955-TR1000 Datasheet
642Kb / 5P
GaAs SP3T Switch
MASW-008955-TR3000 MA-COM-MASW-008955-TR3000 Datasheet
642Kb / 5P
GaAs SP3T Switch
MASW-008955 MA-COM-MASW-008955_15 Datasheet
642Kb / 5P
GaAs SP3T Switch
More results


Similar Description - MASW-008955

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC245QS16 HITTITE-HMC245QS16 Datasheet
199Kb / 6P
GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Tyco Electronics
MASW-008330 MACOM-MASW-008330 Datasheet
136Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MACOM-MASWSS0028 Datasheet
142Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC245QS16 HITTITE-HMC245QS16_06 Datasheet
268Kb / 6P
GaAs MMIC SP3T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Hexawave, Inc
HWS467 HW-HWS467 Datasheet
65Kb / 2P
GaAs DC-2.5 GHz SP3T Switch
logo
M/A-COM Technology Solu...
MASW-008330 MA-COM-MASW-008330 Datasheet
108Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
MASWSS0028 MA-COM-MASWSS0028 Datasheet
93Kb / 3P
GaAs SP3T 2.5 V Switch DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC245AQS16 HITTITE-HMC245AQS16 Datasheet
685Kb / 8P
GaAs MMIC SP3T Non-REFLECTIVE SWITCH, DC - 3.5 GHz
logo
Skyworks Solutions Inc.
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
0.1 to 3.5 GHz SP3T Switch
SKY13385-460LF SKYWORKS-SKY13385-460LF Datasheet
727Kb / 10P
0.1 to 3.5 GHz SP3T Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com