Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88321 Datasheet (PDF) - Qorvo, Inc

ACT88321 Datasheet PDF - Qorvo, Inc
Part # ACT88321
Download  ACT88321 Download
File Size   1921.71 Kbytes
Page   55 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches

ACT88321 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT88321 Datasheet PDF - Qorvo, Inc

Part # ACT88321
Download  ACT88321 Click to download

File Size   1921.71 Kbytes
Page   55 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches

ACT88321 Datasheet (HTML) - Qorvo, Inc


ACT88321 Product details

BENEFITS and FEATURES
• Wide input voltage range
• Vin = 2.7V to 5.5V
• Complete integrated power solution
• 4A DC/DC Step-Down (Buck) Regulator with By-pass Function
• 4A DC/DC Step-Down (Buck) Regulator
• 2A DC/DC Step-Down (Buck) Regulator
• Two 390mA LDOs
• Space Savings
• Fully integrated
• High Fsw = 1.125MHz to 3.3MHz
• Works with 0.47μH Inductor
• Integrated sequencing
• Easy system level design
• Configurable Sequencing
• Multiple Wake up Triggers with GPIOs
• Seamless Sequencing of External Supplies
• Four Programmable GPIOs
• Buck 1 Bypass Mode for 3.3V system level compliance
• Highly configurable
• uP interface for status reporting and controllability
• Programmable Reset and Power Good GPIO’s
• Flexible Sequencing Options
• Multiple Sleep Modes
• I2C Interface – 1MHz




Similar Part No. - ACT88321

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
ACT88320 QORVO-ACT88320 Datasheet
2Mb / 57P
Advanced PMU with Inrush Control and Bypass Switch
Rev. E, November 2019
logo
Active-Semi, Inc
ACT88320QI-T ACTIVE-SEMI-ACT88320QI-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
ACT88320QI101-T ACTIVE-SEMI-ACT88320QI101-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
logo
Qorvo, Inc
ACT88320QI101-T QORVO-ACT88320QI101-T Datasheet
2Mb / 57P
Advanced PMU with Inrush Control and Bypass Switch
Rev. E, November 2019
logo
Active-Semi, Inc
ACT88320QI103-T ACTIVE-SEMI-ACT88320QI103-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
More results


Similar Description - ACT88321

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
Active-Semi, Inc
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
logo
Texas Instruments
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
logo
Renesas Technology Corp
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
SLG51000 RENESAS-SLG51000 Datasheet
1Mb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
logo
Texas Instruments
TPS65224-Q1 TI1-TPS65224-Q1 Datasheet
659Kb / 11P
TPS65224-Q1 Power Management IC (PMIC) with 4 BUCKs and 3 LDOs for Safety- Relevant Automotive Applications
DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com