Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88321 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 2 Page - Qorvo, Inc

  ACT88321 Datasheet HTML 1Page - Qorvo, Inc ACT88321 Datasheet HTML 2Page - Qorvo, Inc ACT88321 Datasheet HTML 3Page - Qorvo, Inc ACT88321 Datasheet HTML 4Page - Qorvo, Inc ACT88321 Datasheet HTML 5Page - Qorvo, Inc ACT88321 Datasheet HTML 6Page - Qorvo, Inc ACT88321 Datasheet HTML 7Page - Qorvo, Inc ACT88321 Datasheet HTML 8Page - Qorvo, Inc ACT88321 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
2 of 55
www.qorvo.com
®
TYPICAL APPLICATION DIAGRAM
LDO1 390mA
1A Load Switch
BUCK1 4A
BUCK2 4A
BUCK3 2A
LDO2 390mA
SCL
SDA
GPIOs
PG
External
DC/DC
ENABLE
2.7V ~ 5.5V Input
SOC
ACT88321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com