Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88321 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 17Page - Qorvo, Inc ACT88321 Datasheet HTML 18Page - Qorvo, Inc ACT88321 Datasheet HTML 19Page - Qorvo, Inc ACT88321 Datasheet HTML 20Page - Qorvo, Inc ACT88321 Datasheet HTML 21Page - Qorvo, Inc ACT88321 Datasheet HTML 22Page - Qorvo, Inc ACT88321 Datasheet HTML 23Page - Qorvo, Inc ACT88321 Datasheet HTML 24Page - Qorvo, Inc ACT88321 Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
21 of 55
www.qorvo.com
®
LDO2 ELECTRICAL CHARACTERISTICS
(AVIN = 3.3V, Tj = -40°C to +125°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.7
5.5
V
Output Voltage Range
Configurable in 50mV steps
0.6
3.75
V
Output Current
AVIN = 2.7V to 5.5V, LDO2_ILIM=1
0.39
A
Output Voltage Accuracy (Note1)
At default output voltage setting
AVIN - VLDO2_OUT > 0.4V
-1
VSET
1
%
Output Voltage Accuracy
At default output voltage setting
AVIN - VLDO2_OUT > 0.4V
-1.5
VSET
1.5
%
Line Regulation
AVIN - VLDO2_OUT > 0.4V
AVIN = 2.7V to 5.5V
ILDO2_OUT = 1mA
0.01
% / V
Load Regulation
ILDO2_OUT = 1mA to 390mA, LDO2_ILIM=1
AVIN - VLDO2_OUT > 0.4V
0.025
% / A
Supply Current
Regulator Enabled, No Load
14
30
µA
Regulator Disabled
0
1
µA
Soft-Start Period
LDO2_SS = 0. VLDO1 = 10% to 90%
LDO2_SS = 1. VLDO1 = 10% to 90%
200
360
µs
Power Good Threshold
VLDO2_OUT Rising
90
93
96
%VNOM
Power Good Hysteresis
VLDO2_OUT Falling
3
%VNOM
Overvoltage Fault Threshold
VLDO2_OUT Rising
107
110
113
%VNOM
Overvoltage Fault Hysteresis
VLDO2_OUT Falling
3
%VNOM
Dropout Voltage
ILDO2 = 200mA, AVIN > 2.7V, LDO2_ILIM=0
200
mV
ILDO2 = 400mA, AVIN > 2.7V, LDO2_ILIM=1
400
ILDO1 = 200mA, VIN_LDO = 1.6V, LDO1_ILIM=0
225
mV
ILDO1 = 400mA, VIN_LDO = 1.6V, LDO1_ILIM=1
670
mV
Discharge Resistance
Enabled when regulator disabled
10
20
35
Ω
Output Current Limit
AVIN = 2.7V to 5.5V, AVIN – VLDO1 > 0.4V
LDO2_ILIM=0
LDO2_ILIM=1
310
390
400
500
500
600
mA
Short Output Foldback Current
35
%
Note1: TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com