Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88321 Datasheet(PDF) 53 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 53 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 47Page - Qorvo, Inc ACT88321 Datasheet HTML 48Page - Qorvo, Inc ACT88321 Datasheet HTML 49Page - Qorvo, Inc ACT88321 Datasheet HTML 50Page - Qorvo, Inc ACT88321 Datasheet HTML 51Page - Qorvo, Inc ACT88321 Datasheet HTML 52Page - Qorvo, Inc ACT88321 Datasheet HTML 53Page - Qorvo, Inc ACT88321 Datasheet HTML 54Page - Qorvo, Inc ACT88321 Datasheet HTML 55Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
53 of 55
www.qorvo.com
®
SLEEP Mode
SLEEP Mode can be enabled via I2C.
DPSLP Mode
DPSLP Mode can be enabled via I2C.
DVS Mode
DVS Mode is not enabled in CMI 112.
Voltage Select Inputs
CMI 112 uses GPIO2 as a voltage select input. Pulling GPIO2 high sets Buck3 = 1.5V. Pulling GPIO2 low sets Buck3 =
1.8V.
GPIO2 (pin D2) – Buck3 Voltage Select
GPIO2 is configured as an input to select the Buck3 output voltage. When GPIO2 is H, VSET1 sets Buck3 to 1.5V.
When GPIO2 is L, VSET0 sets Buck3 to 1.8V.
GPIO4 (pin C5) – EXT_PG
GPIO4 is configured as an EXT_PG input. When GPIO4 goes high, Buck1 turns on with a 1ms delay, then all other
outputs turn on with programmed sequencing. When GPIO4 goes low, the outputs turn off with their programmed 1ms
delay times.LDO2 (VDDFUSE) has a 0ms turnoff delay.
GPIO5 (pin D3) – nIRQ
GPIO5 is a standard open drain nIRQ signal.
GPIO7 (pin D1) – RESET
GPIO7 is configured as an open drain, digital output. nRESET gated by Buck2 with a 20ms delay.
I2C Address
The CMI 112 7-bit I2C address is 0x25h. This results in 0x4Ah for a write address and 0x4Bh for a read address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com