Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88321 Datasheet(PDF) 39 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 39 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 35Page - Qorvo, Inc ACT88321 Datasheet HTML 36Page - Qorvo, Inc ACT88321 Datasheet HTML 37Page - Qorvo, Inc ACT88321 Datasheet HTML 38Page - Qorvo, Inc ACT88321 Datasheet HTML 39Page - Qorvo, Inc ACT88321 Datasheet HTML 40Page - Qorvo, Inc ACT88321 Datasheet HTML 41Page - Qorvo, Inc ACT88321 Datasheet HTML 42Page - Qorvo, Inc ACT88321 Datasheet HTML 43Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
39 of 55
www.qorvo.com
®
LDO CONVERTERS
General Description
The ACT88321 contains two fully integrated low dropout
linear regulators (LDO). LDO1 and LDO2 are 390mA
outputs. The LDOs require only two small external com-
ponents (Cin, Cout) for operation. They ship with default
output voltages that can be modified via the I2C inter-
face for systems that require advanced power manage-
ment functions. LDO1 can also be configured for load
switch mode.
LDO1 has a dedicated input pin, VIN_LDO, so it can
operate from different input voltage than the Buck con-
verters and from LDO2. LDO2 input voltage comes from
the AVIN pin.
Enable / Disable Control
When power is applied to the IC, all LDOs automatically
turn on according to a pre-programmed sequence.
Once in normal operation (ACTIVE state), each con-
verter can be independently disabled via I2C or GPIO.
Each CMI version requires a different set of commands
to disable a converter, so contact the factory for specific
instructions if needed. Each converter contains an op-
tional integrated discharge resistor that actively dis-
charges the output capacitor when the regulator is dis-
abled. Each LDO’s discharge function is enabled via its
I2C bit DIS_PULLDOWN_Lx.
Soft-Start
Each LDO contains a softstart circuit that limits the rate
of change of the output voltage, minimizing input inrush
current and ensuring that the outputs power up in a
monotonically. This circuitry is effective any time the
LDO is enabled, as well as after responding to a short
circuit or other fault condition. Each LDO’s softstart time
is adjustable to either 200µs or 360µs via its I2C bits
SST_LDOx.
Output Voltage Setting
LDO1/2 regulate to the voltage defined by I2C registers
LDOx_VSET. Unlike the buck converters, the LDOs
only have one VSET register.
The LDO output voltage programming range is 0.6V to
3.75V in 50mV steps.
VLDOx = 0.6V + LDOx_VSET * 0.05V
Where LDOx_VSET is the decimal equivalent of the
value in the register. LDOx_VSET contains an unsigned
6-bit
binary
value.
As
an
example,
if
LDO1’s
LDO1_VSET register contains 011000b (24 decimal),
the output voltage is 1.8V.
Qorvo recommends that an LDO’s output voltage be
kept within +/- 25% of the default output voltage to main-
tain accuracy. Voltage changes larger than +/- 25% may
require different factory trim settings (new CMI) to main-
tain accuracy.
Overcurrent and Short Circuit Protection
Each LDO provides overcurrent and short circuit pro-
tection. The overcurrent threshold is set by their I2C
bits. The LDO1 current limit is set to 0.4A or 0.5A by
the ILIM_SCL_LDO1 I2C bit. The LDO2 current limit is
set to 0.4A or 0.5A by the ILIM_SCL_LDO2 I2C bit.
Note that the LDO2 bits are only configurable by the
factory.
In both an overload and a short circuit condition, the
LDO limits the output current which causes the output
voltage to drop. This can result in an undervoltage fault
in addition to the current limit fault. When the current
limiting results in a drop-in output voltage that triggers
an undervoltage condition, the IC shuts down all power
supplies, asserts nIRQ low, and enters the UVLOFLT
state. The IC restarts in 100ms and starts up with de-
fault sequencing. Overcurrent and short circuit condi-
tions can be masked via the I2C bit LDOx_ILIM_FLT-
MSK. Note that ILIM_FLTMSK, ILIM_WARN_FLT-
MSK, OV_FLTMSK and UV_FLTMSK default to 1
(masked) at power up. The user can un-mask faults by
setting these bits to 0 via I2C.
Input Capacitor Selection
Each LDO requires a high quality, low-ESR, ceramic
input capacitor. A 1uF is typically suitable, but this value
can be increased without limit. The input capacitor
should be a X5R, X7R, or similar dielectric.
Output Capacitor Selection
Each LDO requires a high quality, low-ESR, ceramic
output capacitor. When LDOx_ILIM is set to 0.4A, a 1µF
capacitor is typically suitable. The minimum allowable
capacitance value is 0.7µF. When LDOx_ILIM is set to
0.5A, 2.2µF capacitor is typically suitable, with a mini-
mum allowable capacitance value of 1.5µF. In both
cases, the maximum allowable output capacitance is
100µF. The output capacitor should be a X5R, X7R, or
similar dielectric.
LDO1 Load Switch Mode
LDO1 has the option to be used as a load switch. This
option is only accessible via factory I2C bits and requires
a custom CMI. When in load switch mode, LDO1 still



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com