Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88321 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT88321 Datasheet HTML 1Page - Qorvo, Inc ACT88321 Datasheet HTML 2Page - Qorvo, Inc ACT88321 Datasheet HTML 3Page - Qorvo, Inc ACT88321 Datasheet HTML 4Page - Qorvo, Inc ACT88321 Datasheet HTML 5Page - Qorvo, Inc ACT88321 Datasheet HTML 6Page - Qorvo, Inc ACT88321 Datasheet HTML 7Page - Qorvo, Inc ACT88321 Datasheet HTML 8Page - Qorvo, Inc ACT88321 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs,
and Load Bypass Switches
Datasheet Rev. D, June 17, 2022 | Subject to change without notice
1 of 55
www.qorvo.com
®
BENEFITS and FEATURES
• Wide input voltage range
• Vin = 2.7V to 5.5V
• Complete integrated power solution
• 4A DC/DC Step-Down (Buck) Regulator with By-
pass Function
• 4A DC/DC Step-Down (Buck)
Regulator
• 2A DC/DC Step-Down (Buck) Regulator
• Two 390mA LDOs
• Space Savings
• Fully integrated
• High Fsw = 1.125MHz to 3.3MHz
• Works with 0.47µH Inductor
• Integrated sequencing
• Easy system level design
• Configurable Sequencing
• Multiple Wake up Triggers with GPIOs
• Seamless Sequencing of External Supplies
• Four Programmable GPIOs
• Buck 1 Bypass Mode for 3.3V system level
compliance
• Highly configurable
• uP interface for status reporting and controllability
• Programmable Reset and Power Good GPIO’s
• Flexible Sequencing Options
• Multiple Sleep Modes
• I2C Interface – 1MHz
APPLICATIONS
• Solid-State Drives (SSD)
• FPGA
• Computer Vision
• Portable Audio / Video
GENERAL DESCRIPTION
The ACT88321 PMIC is an integrated ActiveCiPSTM
power management integrated circuit. It powers a wide
range of processors, including solid-state drive applica-
tions, video processors, FPGA’s, wearables, periph-
erals, and microcontrollers. The ACT88321 is optimized
for SSD and FPGA applications. A similar product,
ACT88328, is optimized for video and wearables appli-
cations. The ACT88321 is highly flexible and can be re-
configured via I2C for multiple applications without the
need for PCB changes. The low external component
count and high configurability significantly speeds time
to market. Examples of configurable options include
output voltage, startup time, slew rate, system level se-
quencing, switching frequency, sleep modes, operating
modes etc. ACT88321 is programmed at the factory
with a default configuration. These settings can be opti-
mized for a specific design through the I2C interface.
The ACT88321 is available in several default configura-
tion. Contact the factory for specific default configura-
tions.
The core of the device includes three DC/DC step down
converters using integrated power FETs, two low-drop-
out regulators (LDOs). Buck1 and LDO1 can be config-
ured as a load switch. Buck1 is a peak current mode,
fixed frequency DC-DC step down converter that is op-
timized for output voltage closes to the input voltage.
Buck1 switches at either 1.125MHz or 2.25MHz, requir-
ing only three small components for operation. Buck2
and Buck3 use an asynchronous constant on-time,
ACOT, control architecture to optimize the load transi-
ent response with smaller output capacitors. The LDOs
only require small ceramic capacitors. All outputs are
highly configurable via the I2C interface.
The ACT88321 PMIC is available in a 2.18 x 2.58 mm
30 ball WLCSP package.


Similar Part No. - ACT88321

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
ACT88320 QORVO-ACT88320 Datasheet
2Mb / 57P
Advanced PMU with Inrush Control and Bypass Switch
Rev. E, November 2019
logo
Active-Semi, Inc
ACT88320QI-T ACTIVE-SEMI-ACT88320QI-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
ACT88320QI101-T ACTIVE-SEMI-ACT88320QI101-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
logo
Qorvo, Inc
ACT88320QI101-T QORVO-ACT88320QI101-T Datasheet
2Mb / 57P
Advanced PMU with Inrush Control and Bypass Switch
Rev. E, November 2019
logo
Active-Semi, Inc
ACT88320QI103-T ACTIVE-SEMI-ACT88320QI103-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
More results

Similar Description - ACT88321

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
Active-Semi, Inc
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
logo
Texas Instruments
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
logo
Renesas Technology Corp
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
SLG51000 RENESAS-SLG51000 Datasheet
1Mb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
10-May-2022
logo
Texas Instruments
TPS65224-Q1 TI1-TPS65224-Q1 Datasheet
659Kb / 11P
TPS65224-Q1 Power Management IC (PMIC) with 4 BUCKs and 3 LDOs for Safety- Relevant Automotive Applications
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com