Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88321 Datasheet(PDF) 49 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 49 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 45Page - Qorvo, Inc ACT88321 Datasheet HTML 46Page - Qorvo, Inc ACT88321 Datasheet HTML 47Page - Qorvo, Inc ACT88321 Datasheet HTML 48Page - Qorvo, Inc ACT88321 Datasheet HTML 49Page - Qorvo, Inc ACT88321 Datasheet HTML 50Page - Qorvo, Inc ACT88321 Datasheet HTML 51Page - Qorvo, Inc ACT88321 Datasheet HTML 52Page - Qorvo, Inc ACT88321 Datasheet HTML 53Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
49 of 55
www.qorvo.com
®
Startup
SLEEP Mode
SLEEP Mode can be enabled in CMI 101 with I2C. The SLEEP and SLEEP_MODE bits are both set to 0 by default. No
GPIOs are configured as inputs to enable SLEEP Mode.
DPSLP Mode
DPSLP Mode can enabled in CMI 101 using GPIO5 which is configured as the PWREN input. The DPSLP and
DPSLP_MODE bits are both set to 0 by default.
DVS Mode
GPIO2 is used for DVS Mode. When GPIO2 = H, Buck2 is set to VSET0 (0.9V). When GPIO2 = L, Buck2 is set to
VSET1 (0.75V).
Voltage Select Inputs
GPIO4/7 are the voltage select inputs for Buck3/1. Note that GPIO4/7 cannot be changed while the outputs are enabled.
GPIO2 can change Buck2 on the fly.
When GPIO7 = H, Buck1 is set to its VSET0 voltage, 2.9V.
When GPIO7 = L, Buck1 is set to its VSET1 voltage, 2.5V.
When GPIO4 = H, Buck3 is set to its VSET0 voltage, 1.8V.
When GPIO4 = L, Buck3 is set to its VSET1 voltage, 1.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com