Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88321 Datasheet(PDF) 29 Page - Qorvo, Inc

Part # ACT88321
Description  Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88321 Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button ACT88321 Datasheet HTML 25Page - Qorvo, Inc ACT88321 Datasheet HTML 26Page - Qorvo, Inc ACT88321 Datasheet HTML 27Page - Qorvo, Inc ACT88321 Datasheet HTML 28Page - Qorvo, Inc ACT88321 Datasheet HTML 29Page - Qorvo, Inc ACT88321 Datasheet HTML 30Page - Qorvo, Inc ACT88321 Datasheet HTML 31Page - Qorvo, Inc ACT88321 Datasheet HTML 32Page - Qorvo, Inc ACT88321 Datasheet HTML 33Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
ACT88321
Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches
Datasheet Rev. D , June 17, 2022 | Subject to change without notice
29 of 55
www.qorvo.com
®
Input Voltage Warning (SYSWARN)
The ACT88321 also has a second level of input voltage
monitoring, SYSWARN. SYSWARN provides another
level of low input voltage warning to the host. Its rising
threshold is programmable between 2.7V and 5.7V with
100mV steps by the SYSWARN bits. A GPIO can be
programmed to output an active low SYSWARN signal
so the host can use it for system control purposes. In
the meantime, the IC asserts the nIRQ interrupt when
VIN < SYSWARN. The nIRQ interrupt can be masked
in the NVM register bit. The SYSWARN signal output is
a real-time signal. The IC also has a real-time status bit,
SYSWARN, that follows the internal SYSWARN signal.
Note that the nIRQ output is latched until the SYS-
WARN bit in register 0x00h is read via I2C.
Fault Protection
The ACT88321 contains several levels of fault protec-
tion, including the following:
Output Overvoltage
Output Undervoltage
Output Current Limit and Short Circuit
Thermal Warning
Thermal Shutdown
There are three types of I2C register bits associated with
each fault condition: fault flag bits, fault bits, and mask
bits. The fault flag bits display the real-time fault status.
Their status is valid regardless of whether that fault is
masked. The mask bits either block or allow the fault to
affect the fault bit. Each potential fault condition can be
masked via I2C if desired. Any unmasked fault condition
results in the fault bit going high, which asserts the nIRQ
pin. nIRQ is typically active low. The nIRQ pin only de-
asserts after the fault condition is no longer present and
the corresponding fault bit is read via I2C. Note that
masked faults can still be read in the fault flag bit. Refer
to the Qorvo Application Note describing the Register
Map for full details on I2C functionality and programming
ranges.
Input Voltage UVLO
The ACT88321 monitors its input voltage at the AVIN pin
for a UVLO condition. When the input voltage is below
the UVLO threshold, the IC is in the RESET State, all
outputs are turned off, and nRESET is asserted low. I2C
functionality is not enabled until AVIN goes above the
UVLO threshold. When the input voltage goes above
UVLO, the IC transitions to the ACTIVE state and starts
up normally. The UVLO threshold can be set to either
2.6V or 3.5V by a factory programmable bit, VIN_LVL.
VIN_LVL is not user adjustable.
Input Voltage OV
The ACT88321 monitors its input voltage at the AVIN pin
for an OV condition. There are two overvoltage levels,
POK_OV and VIN_OV. The first level is set by the
POK_OV register, which is programmable between
3.5V and 5.6V in 300mV steps. When AVIN goes above
the POK_OV threshold, an interrupt is generated on the
nIRQ
output,
but
all
outputs
stay
on.
If
VIN_POK_OV_MASK = 0, the VIN_POK_OV register
provides real-time status if. If it = 1, then VIN_POK_OV
register is latched until read by I2C. The second level,
VIN_OV, is programmable between 3.7V and 5.81V.
When the input voltage is above the VIN_OV threshold,
the IC is in the RESET State, all outputs are turned off,
and nRESET is asserted low. I2C functionality is still
enabled while AVIN is above the VIN_OV threshold.
When the input voltage goes below the VIN_OV
threshold, the IC transitions back to the Power
Sequence Start State and starts up normally.
Output Under/Over Voltage
When an output’s OV_FLTMSK and UV_FLTMSK (vol-
atile bits) = 0 and DISOVUVSD (0x09h[0])=0, the
ACT88321 monitors the output voltages for under volt-
age and over voltage conditions. If one output enters an
UV/OV fault condition, the IC enters the OVUV Fault
State and shuts down all outputs for 100ms. It then en-
ters the POWER START SEQUENCE State and re-
starts with the programmed power up sequence. If an
output is in current limit, it is possible that its voltage can
drop below the UV threshold which also shuts down all
outputs. If that behavior is not desired, just mask the
appropriate fault bit. Note that all faults are masked by
default. Even when the fault are masked, each output
still provides its real-time UV/OV fault status via its fault
flag. Masking an OV/UV fault just prevents the fault from
being reported via the nIRQ pin. A UV/OV fault condition
pulls the nRESET pins low. Note that then nRESET and
nIRQ pins are configurable via CMI settings
Output Current Limit
The ACT88321 incorporates a three-level overcurrent
protection scheme for the buck converters and a single
level scheme for the LDOs. For the buck converters, the
overcurrent current threshold refers to the peak switch
current. The first protection level is when a buck con-
verter’s peak switch current reaches 80% of the Cycle-
by-Cycle current limit threshold for greater than 16
switching cycles. Under this condition, the IC reports the
fault via the appropriate fault flag bit. If the fault is un-
masked, it asserts the nIRQ pin. This may or may not
turn off that output or other outputs depending on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com