Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC1022 Datasheet (PDF) - Qorvo, Inc

QPC1022 Datasheet PDF - Qorvo, Inc
Part # QPC1022
Download  QPC1022 Download
File Size   823.42 Kbytes
Page   9 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Broad Band Low Distortion SPDT Switch

QPC1022 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC1022 Datasheet PDF - Qorvo, Inc

Part # QPC1022
Download  QPC1022 Click to download

File Size   823.42 Kbytes
Page   9 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Broad Band Low Distortion SPDT Switch

QPC1022 Datasheet (HTML) - Qorvo, Inc


QPC1022 Product details

Product Features
• 5MHz to 6GHz Operation
• Low Insertion Loss: 0.25dB at 2GHz
• Harmonics:
2fo of -106dBc at 1980MHz
3fo of -94dBc at 1980MHz
• High Isolation:
56dB at 204MHz
39dB at 2GHz
• High IP3:
76 dBm at 1.9GHz
• Compatible with Low Voltage Logic
(VHIGH Minimum = 1.3V)
• No External DC Blocking Capacitors Required on RF
Paths Unless DC is Applied Externally
• 1000V HBM ESD Rating on All Ports




Similar Part No. - QPC1022

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC1005 TRIQUINT-QPC1005 Datasheet
867Kb / 16P
0.15 ??2.8 GHz High Power GaN SPDT Switch
logo
Qorvo, Inc
QPC1005 QORVO-QPC1005 Datasheet
723Kb / 15P
0.15 – 2.8 GHz 50 W GaN SPDT Switch
July 15, 2019
logo
TriQuint Semiconductor
QPC1006 TRIQUINT-QPC1006 Datasheet
827Kb / 17P
0.15 ??2.8 GHz High Power GaN SP3T Switch
logo
Qorvo, Inc
QPC1006 QORVO-QPC1006 Datasheet
724Kb / 16P
0.15 – 2.8 GHz High Power GaN SP3T Switch
Rev B. July 16, 2019
logo
TriQuint Semiconductor
QPC1006EVB TRIQUINT-QPC1006EVB Datasheet
827Kb / 17P
0.15 ??2.8 GHz High Power GaN SP3T Switch
More results


Similar Description - QPC1022

ManufacturerPart #DatasheetDescription
logo
NEC
UPG133G NEC-UPG133G Datasheet
87Kb / 12P
L-BAND SPDT SWITCH
UPG154TB NEC-UPG154TB Datasheet
94Kb / 16P
L-BAND SPDT SWITCH
UPG155TB NEC-UPG155TB Datasheet
68Kb / 12P
L-BAND SPDT SWITCH
logo
California Eastern Labs
UPD5713TK CEL-UPD5713TK Datasheet
180Kb / 7P
WIDE BAND SPDT SWITCH
UPD5713TK CEL-UPD5713TK_1 Datasheet
192Kb / 11P
WIDE BAND SPDT SWITCH
logo
NEC
UPG2012TK NEC-UPG2012TK_1 Datasheet
109Kb / 9P
L-BAND SPDT SWITCH
UPD5713TK NEC-UPD5713TK Datasheet
104Kb / 12P
WIDE BAND SPDT SWITCH
logo
California Eastern Labs
UPG2012TB CEL-UPG2012TB Datasheet
266Kb / 8P
L-BAND SPDT SWITCH
UPD5713TK-A CEL-UPD5713TK-A Datasheet
468Kb / 10P
WIDE BAND SPDT SWITCH
logo
Renesas Technology Corp
PD5713TK RENESAS-PD5713TK Datasheet
227Kb / 14P
WIDE BAND SPDT SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com