Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MM Datasheet (PDF) - Sensata Technologies, Inc.

2MM Datasheet PDF - Sensata Technologies, Inc.
Part # 2MM
Download  2MM Download
File Size   354.09 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description Motor Protector/Thermal Cut-Out

2MM Datasheet (PDF)

Go To PDF Page Download Datasheet
2MM Datasheet PDF - Sensata Technologies, Inc.

Part # 2MM
Download  2MM Click to download

File Size   354.09 Kbytes
Page   5 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description Motor Protector/Thermal Cut-Out

2MM Datasheet (HTML) - Sensata Technologies, Inc.


2MM Product details

Applications
The 2MM operates as a sensitive safety cut-out for applications like:
· Small motors · Coils
· Solenoid valves · Transformers
In single phase motors it can be mounted directly in the main circuit to
serve as on- or in-winding protector. It’s compact size provides ease
of installation, even in small spaces. At this time there is practically
no small motor the 2MM cannot protect against overheating and
overloading. Sensata Technologies 2MM provides you with a cost
effective solution in terms of maximum quality and reliability.




Similar Part No. - 2MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
logo
TE Connectivity Ltd
2MM-RCD-D08-BX TEC-2MM-RCD-D08-BX Datasheet
1Mb / 3P
AMPMODU 2 mm WIRE-TO-BOARD CRIMP RECEPTACLES
2MM-RCP-S04-BX TEC-2MM-RCP-S04-BX Datasheet
1Mb / 5P
AMPMODU 2 mm WIRE-TO-BOARD CRIMP RECEPTACLES
logo
List of Unclassifed Man...
2MMT120 ETC2-2MMT120 Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
More results


Similar Description - 2MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
Thermal motor protector Temperature limiter Thermal cut-out
SDJ1 ETC2-SDJ1 Datasheet
492Kb / 3P
Thermal Cut-Offs
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
logo
CONEC Elektronische Bau...
15-00625 CONEC-15-00625 Datasheet
404Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00629X CONEC-15-00629X Datasheet
256Kb / 2P
RECOMMENDED PANEL CUT-OUT
15-00630X CONEC-15-00630X Datasheet
342Kb / 2P
RECOMMENDED PANEL CUT-OUT
logo
Schneider Electric
GV2ME07 SCHNEIDER-GV2ME07 Datasheet
207Kb / 9P
thermal magnetic circuit protector
Aug 11, 2019
logo
List of Unclassifed Man...
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com